Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24FC65T-/P Datasheet(PDF) 3 Page - Microchip Technology

Part # 24FC65T-/P
Description  64K 5.0V 1 MHz I2C??Smart Serial??EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC65T-/P Datasheet(HTML) 3 Page - Microchip Technology

  24FC65T-/P Datasheet HTML 1Page - Microchip Technology 24FC65T-/P Datasheet HTML 2Page - Microchip Technology 24FC65T-/P Datasheet HTML 3Page - Microchip Technology 24FC65T-/P Datasheet HTML 4Page - Microchip Technology 24FC65T-/P Datasheet HTML 5Page - Microchip Technology 24FC65T-/P Datasheet HTML 6Page - Microchip Technology 24FC65T-/P Datasheet HTML 7Page - Microchip Technology 24FC65T-/P Datasheet HTML 8Page - Microchip Technology 24FC65T-/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
 2004 Microchip Technology Inc.
DS21125E-page 3
24FC65
TABLE 1-3:
AC CHARACTERISTICS
FIGURE 1-2:
BUS TIMING DATA
Parameter
Symbol
1 MHz Bus
Units
Remarks
Min
Max
Clock frequency
FCLK
0
1000
kHz
Clock high time
THIGH
500
—
ns
Clock low time
TLOW
500
—
ns
SDA and SCL rise time
TR
—
300
ns
(Note 1)
SDA and SCL fall time
TF
—
100
ns
(Note 1)
START hold time
THD:STA
250
—
ns
After this period the first clock pulse is
generated
START setup time
TSU:STA
250
—
ns
Only relevant for repeated START
Data input hold time
THD:DAT
0—
ns
Data input setup time
TSU:DAT
100
—
ns
STOP setup time
TSU:STO
250
—
ns
Output valid from clock
TAA
—
350
ns
(Note 2)
Bus free time
TBUF
500
—
ns
Time the bus must be free before a
new transmission can start
Write cycle time
TWR
—
5
ms/page (Note 3)
Endurance
High Endurance Block
Rest of Array
10M
1M
—
—
cycles
25°C, Vcc = 5.0V, Block Mode
(Note 4)
Note 1: Not 100 percent tested.
2: As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region
(minimum 100 ns) of the falling edge of SCL to avoid unintended generation of START or STOPs.
3: The times shown are for a single page of 8 bytes. Multiply by the number of pages loaded into the write
cache for total time.
4: This parameter is not tested but guaranteed by characterization. For endurance estimates in a specific appli-
cation, please consult the Total Endurance Model which can be obtained on our website.
SCL
SDA
IN
SDA
OUT
TSU:STA
TSP
TAA
TF
TLOW
THIGH
THD:STA
THD:DAT
TSU:DAT
TSU:STO
TBUF
TAA
TR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com