Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC164T-/P Datasheet(PDF) 14 Page - Microchip Technology

Part # 24LC164T-/P
Description  16K 2.5V Cascadable I2C??Serial EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC164T-/P Datasheet(HTML) 14 Page - Microchip Technology

Back Button 24LC164T-/P Datasheet HTML 8Page - Microchip Technology 24LC164T-/P Datasheet HTML 9Page - Microchip Technology 24LC164T-/P Datasheet HTML 10Page - Microchip Technology 24LC164T-/P Datasheet HTML 11Page - Microchip Technology 24LC164T-/P Datasheet HTML 12Page - Microchip Technology 24LC164T-/P Datasheet HTML 13Page - Microchip Technology 24LC164T-/P Datasheet HTML 14Page - Microchip Technology 24LC164T-/P Datasheet HTML 15Page - Microchip Technology 24LC164T-/P Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
24LC164
DS21093I-page 14
 2004 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
24LC164:
VDD range 2.5V to 5.5V
24LC164T: (Tape and Reel)
Temperature Range
-
=
0
°C to +70°C
I=
-40
°C to +85°C
Package
P
=
Plastic DIP (300 mil body), 8-lead
SN
=
Plastic SOIC (150 mil body), 8-lead
Pattern
QTP, SQTP or Special Requirements. Blank for standard
devices.
Examples:
a)
24LC164–/P Commercial Temp,
PDIP package
b)
24LC164–/SN Commercial Temp.,
SOIC package
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com