Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28C16AFI/P Datasheet(PDF) 7 Page - Microchip Technology

Part # 28C16AFI/P
Description  16K (2K x 8) CMOS EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

28C16AFI/P Datasheet(HTML) 7 Page - Microchip Technology

Back Button 28C16AFI/P Datasheet HTML 2Page - Microchip Technology 28C16AFI/P Datasheet HTML 3Page - Microchip Technology 28C16AFI/P Datasheet HTML 4Page - Microchip Technology 28C16AFI/P Datasheet HTML 5Page - Microchip Technology 28C16AFI/P Datasheet HTML 6Page - Microchip Technology 28C16AFI/P Datasheet HTML 7Page - Microchip Technology 28C16AFI/P Datasheet HTML 8Page - Microchip Technology 28C16AFI/P Datasheet HTML 9Page - Microchip Technology 28C16AFI/P Datasheet HTML 10Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
28C16A
28C16A Product Identification System
To order or to obtain information, e.g., on pricing or delivery, please use the listed part numbers, and refer to the factory or the listed
sales offices.
Package:
L = Plastic Leaded Chip Carrier (PLCC)
P = Plastic DIP (600 mil)
Temperature
Blank = 0
°C to +70°C
Range:
I =-40
°C to +85°C
Access Time:
15
150 ns
20
200 ns
25
250 ns
Shipping:
Blank
Tube
T
Tape and Reel “L” only
Option:
Blank = twc = 1ms
F = twc = 200
µs
Device:
28C16A
2K x 8 CMOS EEPROM
28C16A
FT–
15
I/P
 2004 Microchip Technology Inc.
DS11125J-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com