Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS01 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # CS01
Description  Common Mode Choke
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

CS01 Datasheet(HTML) 1 Page - ice Components, Ins.

  CS01 Datasheet HTML 1Page - ice Components, Ins. CS01 Datasheet HTML 2Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
• Low profile package (< 3mm)
• Attenuates common mode over a broad
frequency range
• Flat top for pick and place applications
• Current range up to 3.25A
Common Mode Choke
CS01 Series
Part
OCL
1
Irms
6
DCR
Lkg. Ind.
Hi-Pot
Max. Impedance
Number
(µH, min)
(A, max)
(mΩ,max)
(µH, max)
(Vdc)
(typ.)
CS01-6R0
6.0
3.25
10
0.1
300
125 Ω @ 10MHz
CS01-100
10
2.88
11
0.3
300
220 Ω @ 10MHz
CS01-330
33
2.50
18
0.6
300
670 Ω @ 10MHz
CS01-430
43
1.78
29
0.7
300
890 Ω @ 10MHz
CS01-540
54
1.40
41
1.0
300
1086 Ω @ 10MHz
CS01-680
68
1.27
58
1.0
300
1447 Ω @ 10MHz
CS01-980
98
0.98
75
1.4
300
2108 Ω @ 10MHz
CS01-111
110
0.37
112
1.7
300
2378 Ω @ 10MHz
CS01-131
130
0.32
142
1.9
300
2852 Ω @ 10MHz
CS01-171
170
0.26
180
2.6
300
3707 Ω @ 10MHz
CS01-201
200
0.24
240
2.6
300
4178 Ω @ 10MHz
Mechanical
Schematic
Recommended
PCB layout
cust.serv@icecomp.com
www.icecomponents.com
(09/06) CS01-1
Specifications subject to change without notice.
1. Tested at
100kHz,
0.1Vrms.
2. Electrical speci-
fications at 25°
C.
3. Operating
range: -40°C to
+130°C.
4. Meets UL 94V-
0.
5. Hi-pot testing:
Winding to wind-
ing for 1 minute.
6. Irms: Temp rise
= 40°C at rated
RMS current.
Applications
• EMI filters
• High density power sup-
plies
• DC/DC converters
Electrical Specifications
units: mm
Side View
Top View
Top View
Dot for pin 1
0.76
8.6 max
6.8 max
3.0 max
1.52
5.71
1.27
2.54x4
Packaging: Reel diameter: 13”, Reel width: 16mm, Pieces/reel: 1500
1
3
4
6
1
3
6
4
CS01-
XXX
ICE Components, Inc.
Voice: 800.729.2099
Fax: 678.560.9304


Similar Part No. - CS01

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
CS01 ICE-CS01 Datasheet
403Kb / 2P
Common Mode Choke
logo
Token Electronics Indus...
CS01 TOKEN-CS01 Datasheet
427Kb / 8P
CS Current Detecting Chip Resistors
logo
List of Unclassifed Man...
CS01 ETC-CS01 Datasheet
1Mb / 3P
CURRENT SENSING CHIP RESISTROS
logo
ice Components, Ins.
CS01-100 ICE-CS01-100 Datasheet
403Kb / 2P
Common Mode Choke
CS01-111 ICE-CS01-111 Datasheet
403Kb / 2P
Common Mode Choke
More results

Similar Description - CS01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
COMMON MODE CHOKE
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
Common-Mode Choke
logo
Allied Components Inter...
VCM7101-RC ALLIED-VCM7101-RC Datasheet
496Kb / 1P
Common Mode Choke
logo
XFMRS Inc.
XF0473-HPCMC XFMRS-XF0473-HPCMC_10 Datasheet
108Kb / 1P
COMMON MODE CHOKE
logo
ice Components, Ins.
CS01 ICE-CS01_08 Datasheet
403Kb / 2P
Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
COMMON MODE CHOKE
logo
Dongguan Mentech Optica...
CM15R7DG503U MNC-CM15R7DG503U Datasheet
133Kb / 2P
COMMON MODE CHOKE
CM422SG8R0U MNC-CM422SG8R0U Datasheet
166Kb / 1P
COMMON MODE CHOKE
logo
VACUUMSCHMELZE GmbH & C...
T60006-L2102-V347 VACUUMSCHMELZE-T60006-L2102-V347 Datasheet
37Kb / 2P
Common Mode Choke
T60405-R6123-X213 VACUUMSCHMELZE-T60405-R6123-X213 Datasheet
102Kb / 2P
Common Mode Choke
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com