Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC164-/P Datasheet(PDF) 8 Page - Microchip Technology

Part # 24LC164-/P
Description  16K 2.5V Cascadable I2C??Serial EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC164-/P Datasheet(HTML) 8 Page - Microchip Technology

Back Button 24LC164-/P Datasheet HTML 4Page - Microchip Technology 24LC164-/P Datasheet HTML 5Page - Microchip Technology 24LC164-/P Datasheet HTML 6Page - Microchip Technology 24LC164-/P Datasheet HTML 7Page - Microchip Technology 24LC164-/P Datasheet HTML 8Page - Microchip Technology 24LC164-/P Datasheet HTML 9Page - Microchip Technology 24LC164-/P Datasheet HTML 10Page - Microchip Technology 24LC164-/P Datasheet HTML 11Page - Microchip Technology 24LC164-/P Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
24LC164
DS21093I-page 8
 2004 Microchip Technology Inc.
FIGURE 7-1:
CURRENT ADDRESS READ
FIGURE 7-2:
RANDOM READ
FIGURE 7-3:
SEQUENTIAL READ
8.0
PIN DESCRIPTIONS
8.1
SDA Serial Address/Data Input/
Output
This is a bi-directional pin used to transfer addresses
and data into and data out of the device. It is an open
drain terminal. Therefore, the SDA bus requires a pul-
lup resistor to VCC (typical 10k
Ω for 100 kHz, 2kΩ for
400 kHz).
For normal data transfer SDA is allowed to change only
during SCL LOW. Changes during SCL HIGH are
reserved for indicating the START and STOP condi-
tions.
8.2
SCL Serial Clock
This input is used to synchronize the data transfer from
and to the device.
8.3
WP
This pin must be connected to either VSS or VCC.
If tied to VSS, normal memory operation is enabled
(read/write the entire memory 000-7FF).
If tied to VCC, WRITE operations are inhibited. The
entire memory will be write-protected. Read operations
are not affected.
This feature allows the user to use the 24LC164 as a
serial ROM when WP is enabled (tied to VCC).
8.4
A0, A1, A2
These pins are used to configure the proper chip
address in multiple-chip applications (more than one
24LC164 on the same bus). The levels on these pins
are compared to the corresponding bits in the slave
address. The chip is selected if the compare is true.
Up to eight 24LC164s may be connected to the same
bus. These pins must be connected to either VSS or
VCC.
CONTROL
A
C
K
S
T
A
R
T
S
T
O
P
DATA (n)
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
A
C
K
N
O
S 1 A2 A1A0B2 B1B0
BYTE
P
S
P
S
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
A
R
T
S
T
O
P
CONTROL
BYTE
A
C
K
WORD
ADDRESS (n)
CONTROL
BYTE
S
T
A
R
T
DATA (n)
A
C
K
A
C
K
N
O
A
C
K
1A2 A1A0B2B1B0
P
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
O
P
CONTROL
BYTE
A
C
K
N
O
A
C
K
DATA (n)
DATA (n + 1)
DATA (n + 2)
DATA (n + X)
A
C
K
A
C
K
A
C
K
Note:
The level on A1 is compared to the
inverse of the slave address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com