Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSO2 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # CSO2
Description  Common Mode Choke
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

CSO2 Datasheet(HTML) 1 Page - ice Components, Ins.

  CSO2 Datasheet HTML 1Page - ice Components, Ins. CSO2 Datasheet HTML 2Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
• Filters common mode noise
over a broad frequency range
• Small footprint
• Current range up to 7.5 A
• For use from 300 kHz to 100 MHz
Common Mode Choke
CSO2 Series
Electrical Specifications
Part
Inductance1
Inductance1
Irms
2
DCR
Hi-Pot3
Max. Impedance
Number
(µH typ.)
(µH min.)
(A max.) (mΩ max.)
(Vrms)
(typ.)
CS02-280-1R
37.3
28
2.80
26
2500
561 Ω @ 10MHz
CS02-470-1R
63
47
1.33
77
2500
1010 Ω @ 8MHz
CS02-470-2R
63
47
3.40
18
500
1300 Ω @ 8MHz
CS02-710-2R
94.7
71
2.69
23.4
500
1490 Ω @ 8MHz
CS02-131-2R
176
130
1.65
67
500
2900 Ω @ 7MHz
CS02-231-2R
312
230
0.89
166
500
5150 Ω @ 6MHz
Mechanical
Schematic
Recommended PCB Layout
CS02-XXX-XR
ICA-YYWW
10.6 max
1.0 dia
dot for pin 1
5.5
max
9.3
max
Top view
Side view
1
2
4
3
1.6
1.6
6.22
7.62
cust.serv@icecomp.com
www.icecomponents.com
(06/07) CS02-1
Specifications subject to change without notice.
1
2
4
3
Applications
• EMI Filters
• High Density Power Supplies
• “Brick” DC/DC Converters
• Point of Load DC/DC Converters
1. Inductance measured at
100 kHz, 0.1 Vrms, series.
2. Irms: Temp. rise = 40°C
at rated RMS current.
3. Hi-pot rating: Winding to
winding for 1 minute.
4. Electrical specifications
at 25°C.
5. Operating temperature
range: -40°C to +155°C.
6. Meets UL94V-0.
7. Creepage Distance:
2500 Vrms hi-pot = 4 mm
500 Vrms hi-pot = 0 mm.
Packaging: Reel diameter: 13”, Reel width: 16 mm, Pieces/reel: 700
Top View
units: mm
ICE Components, Inc.
Voice: 800.729.2099
Fax: 678.560.9304


Similar Part No. - CSO2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CSO SCHURTER-CSO Datasheet
256Kb / 2P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
CSO SCHURTER-CSO Datasheet
289Kb / 3P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
CSO SCHURTER-CSO Datasheet
329Kb / 3P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
12.08.2022
logo
Crystek Corporation
CSO-016T CRYSTEKCRYSTAL-CSO-016T Datasheet
111Kb / 1P
5X7 mm SMD, 5V, HCMOS/TTL Clock Oscillator
CSO-016T-25-49.152 CRYSTEKCRYSTAL-CSO-016T-25-49.152 Datasheet
111Kb / 1P
5X7 mm SMD, 5V, HCMOS/TTL Clock Oscillator
More results

Similar Description - CSO2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
COMMON MODE CHOKE
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
Common-Mode Choke
logo
Allied Components Inter...
VCM7101-RC ALLIED-VCM7101-RC Datasheet
496Kb / 1P
Common Mode Choke
logo
XFMRS Inc.
XF0473-HPCMC XFMRS-XF0473-HPCMC_10 Datasheet
108Kb / 1P
COMMON MODE CHOKE
logo
ice Components, Ins.
CS01 ICE-CS01_08 Datasheet
403Kb / 2P
Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
COMMON MODE CHOKE
logo
Dongguan Mentech Optica...
CM15R7DG503U MNC-CM15R7DG503U Datasheet
133Kb / 2P
COMMON MODE CHOKE
CM422SG8R0U MNC-CM422SG8R0U Datasheet
166Kb / 1P
COMMON MODE CHOKE
logo
VACUUMSCHMELZE GmbH & C...
T60006-L2102-V347 VACUUMSCHMELZE-T60006-L2102-V347 Datasheet
37Kb / 2P
Common Mode Choke
T60405-R6123-X213 VACUUMSCHMELZE-T60405-R6123-X213 Datasheet
102Kb / 2P
Common Mode Choke
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com