Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS03 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # CS03
Description  Common Mode Choke
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

CS03 Datasheet(HTML) 1 Page - ice Components, Ins.

  CS03 Datasheet HTML 1Page - ice Components, Ins. CS03 Datasheet HTML 2Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
• Magnetically Shielded uses Toroid
core
• Low Profile, SMT Design
• High Current
• Rated Voltage 250VAC
Common Mode Choke
CS03 Series
Mechanical
Schematic
Recommended PCB layout
cust.serv@icecomp.com
www.icecomponents.com
(10/06) CS03-1
Specifications subject to change without notice.
Applications
• DC/DC Converters
• DC/AC Inverters for
Inductor Applications
• Telecom Converters
Electrical Specifications
units: mm
Packaging: Reel Diameter: 13”, Reel Width: 32mm, Pieces/Reel: 350
1
2
3
4
Dot for pin 1
CS03-XXX
ICA YYWW
14.22 MAX
1
2
3
4
8.63
4.5
1.5
1
2
3
4
TOP VIEW
Part
Number
Inductance
1
(mH)
Leakage
Inductance
2
(µH Max.)
DCR max
(mΩ)
Irms
5
(A)
SRF
(MHz Typ.)
Hi-Pot
(Vrms)
CS03-1R0
1.0
5.00
60
1.5
2
3kV
CS03-100
10.0
45.00
450
1.0
0.5
3kV
CS03-220
22.0
85.00
850
0.5
0.29
3kV
CS03-460
46.2
130.00
1100
0.4
0.17
3kV
1. Tested at 10kHz, 0.1Vrms.
2. Tested at 100kHz, 1.0V, (1-
2) with (3-4) shorted.
3. Electrical specifications at
25 deg C.
4. Operating range: -40ºC to
+130ºC. This is a com-
bination of ambient plus
temperature rise.
5. Irms is the AC current
required to produce a
temperature rise of 40ºC at
an ambient temperature of
25ºC.
6. Inductance tolerance is
+/-30%.
7. Meets UL 94V-0.
ICE Components, Inc.
Voice: 800.729.2099
Fax: 678.560.9304


Similar Part No. - CS03

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
CS03 ICE-CS03 Datasheet
325Kb / 2P
Common Mode Choke
logo
Token Electronics Indus...
CS03 TOKEN-CS03 Datasheet
427Kb / 8P
CS Current Detecting Chip Resistors
logo
List of Unclassifed Man...
CS03 ETC-CS03 Datasheet
1Mb / 3P
CURRENT SENSING CHIP RESISTROS
logo
ice Components, Ins.
CS03-100 ICE-CS03-100 Datasheet
325Kb / 2P
Common Mode Choke
CS03-1R0 ICE-CS03-1R0 Datasheet
325Kb / 2P
Common Mode Choke
More results

Similar Description - CS03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
COMMON MODE CHOKE
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
Common-Mode Choke
logo
Allied Components Inter...
VCM7101-RC ALLIED-VCM7101-RC Datasheet
496Kb / 1P
Common Mode Choke
logo
XFMRS Inc.
XF0473-HPCMC XFMRS-XF0473-HPCMC_10 Datasheet
108Kb / 1P
COMMON MODE CHOKE
logo
ice Components, Ins.
CS01 ICE-CS01_08 Datasheet
403Kb / 2P
Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
COMMON MODE CHOKE
logo
Dongguan Mentech Optica...
CM15R7DG503U MNC-CM15R7DG503U Datasheet
133Kb / 2P
COMMON MODE CHOKE
CM422SG8R0U MNC-CM422SG8R0U Datasheet
166Kb / 1P
COMMON MODE CHOKE
logo
VACUUMSCHMELZE GmbH & C...
T60006-L2102-V347 VACUUMSCHMELZE-T60006-L2102-V347 Datasheet
37Kb / 2P
Common Mode Choke
T60405-R6123-X213 VACUUMSCHMELZE-T60405-R6123-X213 Datasheet
102Kb / 2P
Common Mode Choke
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com