Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS300 Datasheet(PDF) 17 Page - Microchip Technology

Part # HCS300
Description  KEE LOQ Code Hopping Encoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS300 Datasheet(HTML) 17 Page - Microchip Technology

Back Button HCS300_01 Datasheet HTML 13Page - Microchip Technology HCS300_01 Datasheet HTML 14Page - Microchip Technology HCS300_01 Datasheet HTML 15Page - Microchip Technology HCS300_01 Datasheet HTML 16Page - Microchip Technology HCS300_01 Datasheet HTML 17Page - Microchip Technology HCS300_01 Datasheet HTML 18Page - Microchip Technology HCS300_01 Datasheet HTML 19Page - Microchip Technology HCS300_01 Datasheet HTML 20Page - Microchip Technology HCS300_01 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
© 2001 Microchip Technology Inc.
DS21137F-page 17
HCS300
8.0
ELECTRICAL CHARACTERISTICS
TABLE 8-1:
ABSOLUTE MAXIMUM RATINGS
TABLE 8-2:
DC CHARACTERISTICS
Symbol
Item
Rating
Units
VDD
Supply voltage
-0.3 to 6.6
V
VIN
Input voltage
-0.3 to VDD + 0.3
V
VOUT
Output voltage
-0.3 to VDD + 0.3
V
IOUT
Max output current
50
mA
TSTG
Storage temperature
-55 to +125
°C (Note)
TLSOL
Lead soldering temp
300
°C (Note)
VESD
ESD rating
4000
V
Note:
Stresses above those listed under “ABSOLUTE MAXIMUM RATINGS” may cause permanent damage to
the device.
Commercial
(C):
Tamb = 0 °C to +70 °C
Industrial
(I):
Tamb = -40 °C to +85 °C
2.0V < VDD < 3.0
3.0 < VDD < 6.3
Parameter
Sym.
Min.
Typ.1
Max.
Min.
Typ.1
Max.
Unit
Conditions
Operating cur-
rent (avg)2
ICC
0.2
1
1.0
2.5
mA
VDD = 3.0V
VDD = 6.3V
Standby current
ICCS
0.1
1.0
0.1
1.0
µA
Auto-shutoff
current3,4
ICCS
40
75
160
650
µA
High level Input
voltage
VIH
0.55VDD
VDD+
0.3
0.55VDD
VDD+
0.3
V
Low level input
voltage
VIL
-0.3
0.15VDD
-0.3
0.15VDD
V
High level output
voltage
VOH
0.6VDD
0.6VDD
V
IOH = -1.0 mA VDD = 2.0V
IOH = -2.0 mA VDD = 6.3V
Low level out-
put voltage
VOL
0.08VDD
0.08VDD
V
IOL = 1.0 mA VDD = 2.0V
IOL = 2.0 mA VDD = 6.3V
LED sink
current5
ILED
1.0
1.8
2.5
2.0
2.7
3.7
mA
VLED6 = 1.5V VDD = 3.0V
VLED6 = 1.5V VDD = 6.3V
Pull-down
Resistance;
S0-S3
RS0-3
40
6080
40
6080
k
Ω VDD = 4.0V
Pull-down
Resistance;
PWM
RPWM
80
120
160
80
120
160
k
Ω VDD = 4.0V
Note 1: Typical values are at 25 °C.
2: No load.
3: Auto-shutoff current specification does not include the current through the input pull-down resistors.
4: These values are characterized but not tested.
5: With VLOW Sel = 0 for operation from 2.0V to 3.0V and VLOW Sel = 1 for operation from 3.0V to 6.3V.
6: VLED is the voltage drop across the terminals of the LED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com