Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93LC86T-/P Datasheet(PDF) 4 Page - Microchip Technology

Part # 93LC86T-/P
Description  8K/16K 2.5V Microwire Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC86T-/P Datasheet(HTML) 4 Page - Microchip Technology

  93LC86T-/P Datasheet HTML 1Page - Microchip Technology 93LC86T-/P Datasheet HTML 2Page - Microchip Technology 93LC86T-/P Datasheet HTML 3Page - Microchip Technology 93LC86T-/P Datasheet HTML 4Page - Microchip Technology 93LC86T-/P Datasheet HTML 5Page - Microchip Technology 93LC86T-/P Datasheet HTML 6Page - Microchip Technology 93LC86T-/P Datasheet HTML 7Page - Microchip Technology 93LC86T-/P Datasheet HTML 8Page - Microchip Technology 93LC86T-/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
93LC76/86
DS21131E-page 4
Preliminary
 2004 Microchip Technology Inc.
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Applicable over recommended operating ranges shown below unless otherwise noted:
VCC = +2.5V to +6.0V
Commercial (C): TA = 0°C to +70°C
Industrial
(I): TA = -40°C to +85°C
Parameter
Symbol
Min.
Max.
Units
Conditions
Clock frequency
FCLK
—3
2
MHz
MHz
4.5V
≤ VCC ≤ 6.0V
2.5V
≤ VCC < 4.5V
Clock high time
TCKH
200
300
—ns
ns
4.5V
≤ VCC ≤ 6.0V
2.5V
≤ VCC < 4.5V
Clock low time
TCKL
100
200
—ns
ns
4.5V
≥ VCC ≤ 6.0V
2.5V
≤ VCC < 4.5V
Chip select setup time
TCSS
50
100
—ns
ns
4.5V
≤ VCC ≤ 6.0V, Relative to CLK
2.5V
≤ VCC < 4.5V, Relative to CLK
Chip select hold time
TCSH
0—
ns
—
Chip select low time
TCSL
250
—
ns
Relative to CLK
Data input setup time
TDIS
50
100
—ns
ns
4.5V
≤ VCC ≤ 6.0V, Relative to CLK
2.5V
≤ VCC <4.5V, Relative to CLK
Data input hold time
TDIH
50
100
—ns
ns
4.5V
≤ VCC ≤ 6.0V, Relative to CLK
2.5V
≤ VCC < 4.5V, Relative to CLK
Data output delay time
TPD
—100
250
ns
ns
4.5V
≤ VCC ≤ 6.0V, CL = 100 pF
2.5V
≤ VCC < 4.5V, CL = 100 pF
Data output disable time
TCZ
—100
500
ns
ns
4.5V
≤ VCC ≤ 6.0V
2.5V
≤ VCC < 4.5V (Note 1)
Status valid time
Tsv
—
200
300
ns
ns
4.5V
≥ VCC ≤ 6.0V, CL = 100 pF
2.5V
≤ VCC <4.5V, CL = 100 pF
Program cycle time
TWC
—
5
ms
Erase/Write mode
TEC
—
15
ms
ERAL mode
TWL
—30
ms
WRAL mode
Endurance
—
1M
—
cycles
25°C, Vcc = 5.0V, Block mode
(Note 2)
Note 1:
This parameter is periodically sampled and not 100% tested.
2:
This parameter is not tested but ensured by characterization. For endurance estimates in a specific appli-
cation, please consult the Total Endurance™ Model which can be obtained from Microchip’s web site at
www.microchip.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com