Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT03 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # CT03
Description  Current Sense Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

CT03 Datasheet(HTML) 1 Page - ice Components, Ins.

  CT03 Datasheet HTML 1Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Current Sense Transformer
CT03 Series
Mechanical - Figure A
Electrical Specifications
1. Electrical specifications at 25ºC.
2. Operating temperature range:
-40ºC to +130ºC.
3. Meets UL 94V-0.
4. Terminating resistor for 1V out
with 1A flowing through
primary.
(12/06) CT03-1
unit: mm
Mechanical - Figure B
Encapsulated to Meet UL1950 and
EN60950 Creepage/Clearance spac-
ing
Available in Unipolar and Bipolar
configurations
Meets UL Class B Insulation System
•
•
•
Feedback Control
Overload Protection
Detecting Load Drop or
Shutdown
•
•
•
Applications
Features
Packaging: Tray=144 pieces, Box=12 Trays, Box=1728 pieces
Specifications subject to change without notice.
Part Number
Turns
Ratio
Ls1
(mH, min)
Frequency
(KHz)
Rs
( Ω, max.)
Terminating4
Resistor (Ω)
Hi-Pot
Vac
CT03-050-B_
1:50
5
17.5
0.6
50
3750
CT03-100-B_
1:100
20
17.5
1.3
100
3750
CT03-200-B_
1:200
80
17.5
4.5
200
3750
CT03-750-A_
1:750
1125
1.0
34.0
750
3750
CT03-1000-A_ 1:1000
1500
1.0
57.0
1000
3750
����������
�����
�����������
�����������
�
�
����
����
�������������
����������
�����
�����������
����������
�
�
����
����
�������������
��������
�������
�
�
�
�
�������������
�
�
�
�
�
�
���������������
���������
�������
Add designator to end of p/n
C = Center Tap Secondary
N = Non-Center Tap Secondary
Schematic
ICE Components, Inc.
Voice: 800.729.2099
Fax: 678.560.9304
cust.serv@icecomp.com
www.icecomponents.com


Similar Part No. - CT03

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
CT03 ICE-CT03 Datasheet
254Kb / 1P
SMT Current Sense Transformer
CT03-050-B ICE-CT03-050-B Datasheet
254Kb / 1P
SMT Current Sense Transformer
CT03-100-B ICE-CT03-100-B Datasheet
254Kb / 1P
SMT Current Sense Transformer
CT03-1000-A ICE-CT03-1000-A Datasheet
254Kb / 1P
SMT Current Sense Transformer
CT03-200-B ICE-CT03-200-B Datasheet
254Kb / 1P
SMT Current Sense Transformer
More results

Similar Description - CT03

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA225 PCA-EPA225 Datasheet
31Kb / 1P
Current Sense Transformer
logo
Rhombus Industries Inc.
T-806 RHOMBUS-IND-T-806 Datasheet
29Kb / 1P
CURRENT SENSE TRANSFORMER
6/18/96
logo
PCA ELECTRONICS INC.
EPA3918 PCA-EPA3918 Datasheet
35Kb / 1P
Current Sense Transformer
logo
ice Components, Ins.
CT02 ICE-CT02_08 Datasheet
691Kb / 1P
Current Sense Transformer
CT05 ICE-CT05 Datasheet
401Kb / 1P
Current Sense Transformer
logo
Rhombus Industries Inc.
T-20101 RHOMBUS-IND-T-20101 Datasheet
23Kb / 1P
CURRENT SENSE TRANSFORMER
5/10/00
logo
ice Components, Ins.
CT05-050 ICE-CT05-050 Datasheet
401Kb / 1P
Current Sense Transformer
CT06-050 ICE-CT06-050 Datasheet
557Kb / 1P
Current Sense Transformer
logo
XFMRS Inc.
XF0203-CSVP XFMRS-XF0203-CSVP Datasheet
38Kb / 1P
Current Sense Transformer
logo
ZETTLER Electronics
ACST-200 ZETTLER-ACST-200 Datasheet
133Kb / 2P
CURRENT SENSE TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com