Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS301 Datasheet(PDF) 12 Page - Microchip Technology

Part # HCS301
Description  KEELOQ CODE HOPPING ENCODER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS301 Datasheet(HTML) 12 Page - Microchip Technology

Back Button HCS301_01 Datasheet HTML 8Page - Microchip Technology HCS301_01 Datasheet HTML 9Page - Microchip Technology HCS301_01 Datasheet HTML 10Page - Microchip Technology HCS301_01 Datasheet HTML 11Page - Microchip Technology HCS301_01 Datasheet HTML 12Page - Microchip Technology HCS301_01 Datasheet HTML 13Page - Microchip Technology HCS301_01 Datasheet HTML 14Page - Microchip Technology HCS301_01 Datasheet HTML 15Page - Microchip Technology HCS301_01 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
HCS301
DS21143B-page 12
© 2001 Microchip Technology Inc.
5.7
Blank Alternate Code Word
Federal Communications Commission (FCC) part 15
rules specify the limits on worst case average funda-
mental power and harmonics that can be transmitted in
a 100 ms window. For FCC approval purposes, it may
therefore be advantageous to minimize the transmis-
sion duty cycle. This can be achieved by minimizing the
duty cycle of the individual bits as well as by blanking
out consecutive code words. Blank Alternate Code
Word (BACW) may be used to reduce the average
power of a transmission by transmitting only every sec-
ond code word (Figure 5-1). This is a selectable feature
that is determined in conjunction with the baud rate
selection bit BSL0.
Enabling the BACW option may likewise allow the user
to transmit a higher amplitude transmission as the time
averaged power is reduced. BACW effectively halves
the RF on time for a given transmission so the RF out-
put power could theoretically be doubled while main-
taining the same time averaged output power.
FIGURE 5-1:
BLANK ALTERNATE CODE WORD (BACW)
Code Word
BACW Disabled
(All words transmitted)
BACW Enabled
(1 out of 2 transmitted)
BACW Enabled
(1 out of 4 transmitted)
A
2A
4A
Amplitude
Time
Code Word
Code Word
Code Word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com