Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C65-E/P Datasheet(PDF) 14 Page - Microchip Technology

Part # 24C65-E/P
Description  64K 1.8V I2C Smart Serial O EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C65-E/P Datasheet(HTML) 14 Page - Microchip Technology

Back Button 24C65-E/P Datasheet HTML 10Page - Microchip Technology 24C65-E/P Datasheet HTML 11Page - Microchip Technology 24C65-E/P Datasheet HTML 12Page - Microchip Technology 24C65-E/P Datasheet HTML 13Page - Microchip Technology 24C65-E/P Datasheet HTML 14Page - Microchip Technology 24C65-E/P Datasheet HTML 15Page - Microchip Technology 24C65-E/P Datasheet HTML 16Page - Microchip Technology 24C65-E/P Datasheet HTML 17Page - Microchip Technology 24C65-E/P Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
24AA65/24LC65/24C65
DS21073J-page 14
 2003 Microchip Technology Inc.
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
XXXXXXXX
T/XXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (208 mil)
Example:
24LC65
0110017
I/SM
24LC65
I/P017
0310
XXXXXXXX
YYWWNNN
T/XXXXXX
Legend: XX...X
Customer specific information*
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
T
Temperature grade (Blank = Commercial, I = Industrial,
E = Automotive)
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard PICmicro device marking consists of Microchip part number, year code, week code, and
traceability code. For PICmicro device marking beyond this, certain price adders apply. Please check
with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP
price.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com