Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS301-I/P Datasheet(PDF) 5 Page - Microchip Technology

Part # HCS301-I/P
Description  KEELOQ CODE HOPPING ENCODER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS301-I/P Datasheet(HTML) 5 Page - Microchip Technology

  HCS301-I/P Datasheet HTML 1Page - Microchip Technology HCS301-I/P Datasheet HTML 2Page - Microchip Technology HCS301-I/P Datasheet HTML 3Page - Microchip Technology HCS301-I/P Datasheet HTML 4Page - Microchip Technology HCS301-I/P Datasheet HTML 5Page - Microchip Technology HCS301-I/P Datasheet HTML 6Page - Microchip Technology HCS301-I/P Datasheet HTML 7Page - Microchip Technology HCS301-I/P Datasheet HTML 8Page - Microchip Technology HCS301-I/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
© 2001 Microchip Technology Inc.
DS21143B-page 5
HCS301
2.0
DEVICE OPERATION
As shown in the typical application circuits (Figure 2-1),
the HCS301 is a simple device to use. It requires only
the addition of buttons and RF circuitry for use as the
transmitter in your security application. A description of
each pin is given in Table 2-1.
FIGURE 2-1:
TYPICAL CIRCUITS
TABLE 2-1:
PIN DESCRIPTIONS
The HCS301 will wake-up upon detecting a button
press and delay approximately 10 ms for button
debounce (Figure 2-2). The synchronization counter,
discrimination value and button information will be
encrypted to form the hopping code. The hopping code
portion will change every transmission, even if the
same button is pushed again. A code word that has
been transmitted will not repeat for more than 64K
transmissions. This provides more than 18 years of use
before a code is repeated; based on 10 operations per
day. Overflow information sent from the encoder can be
used to extend the number of unique transmissions to
more than 192K.
If in the transmit process it is detected that a new but-
ton(s) has been pressed, a RESET will immediately
occur and the current code word will not be completed.
Please note that buttons removed will not have any
effect on the code word unless no buttons remain
pressed; in which case the code word will be completed
and the power-down will occur.
Note:
When VDD > 9.0V and driving low capaci-
tive loads, a resistor with a minimum value
of 50
Ω should be used in line with VDD.
This prevents clamping of PWM at 9.0V in
the event of PWM overshoot.
B0
Tx out
S0
S1
S2
S3
LED
VDD
PWM
VSS
2 button remote control
B1
Tx out
S0
S1
S2
S3
LED
VDD
PWM
VSS
5 button remote control (1)
B4 B3 B2 B1 B0
Note 1: Up to 15 functions can be implemented by pressing
more than one button simultaneously or by using a
suitable diode array.
2: Resistor R is recommended for current limiting.
+12V
R
+12V
R
(2)
(2)
Name
Pin
Number
Description
S0
1
Switch input 0
S1
2
Switch input 1
S2
3
Switch input 2 / Clock pin when in
Programming mode
S3
4
Switch input 3
VSS
5
Ground reference
PWM
6
Pulse Width Modulation (PWM)
output pin / Data pin for
Programming mode
LED
7
Cathode connection for LED
VDD
8
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com