Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS301T-/P Datasheet(PDF) 6 Page - Microchip Technology

Part # HCS301T-/P
Description  KEELOQ CODE HOPPING ENCODER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS301T-/P Datasheet(HTML) 6 Page - Microchip Technology

Back Button HCS301T-/P Datasheet HTML 2Page - Microchip Technology HCS301T-/P Datasheet HTML 3Page - Microchip Technology HCS301T-/P Datasheet HTML 4Page - Microchip Technology HCS301T-/P Datasheet HTML 5Page - Microchip Technology HCS301T-/P Datasheet HTML 6Page - Microchip Technology HCS301T-/P Datasheet HTML 7Page - Microchip Technology HCS301T-/P Datasheet HTML 8Page - Microchip Technology HCS301T-/P Datasheet HTML 9Page - Microchip Technology HCS301T-/P Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
HCS301
DS21143B-page 6
© 2001 Microchip Technology Inc.
FIGURE 2-2:
ENCODER OPERATION
3.0
EEPROM MEMORY
ORGANIZATION
The HCS301 contains 192 bits (12 x 16-bit words) of
EEPROM memory (Table 3-1). This EEPROM array is
used
to
store
the
encryption
key
information,
synchronization value, etc. Further descriptions of the
memory array is given in the following sections.
TABLE 3-1:
EEPROM MEMORY MAP
3.1
KEY_0 - KEY_3 (64-Bit Crypt Key)
The 64-bit crypt key is used to create the encrypted
message transmitted to the receiver. This key is calcu-
lated and programmed during production using a key
generation algorithm. The key generation algorithm
may be different from the KEELOQ algorithm. Inputs to
the key generation algorithm are typically the transmit-
ter’s serial number and the 64-bit manufacturer’s code.
While the key generation algorithm supplied from
Microchip is the typical method used, a user may elect
to create their own method of key generation. This may
be done providing that the decoder is programmed with
the
same
means
of
creating
the
key
for
decryption purposes.
Power-Up
RESET and Debounce Delay
(10 ms)
Sample Inputs
Update Sync Info
Encrypt With
Load Transmit Register
Buttons
Added
?
All
Buttons
Released
?
(A button has been pressed)
Transmit
Stop
No
Yes
No
Yes
Crypt Key
Complete Code
Word Transmission
WORD
ADDRESS
MNEMONIC
DESCRIPTION
0
KEY_0
64-bit encryption key
(word 0) LSb’s
1
KEY_1
64-bit encryption key
(word 1)
2
KEY_2
64-bit encryption key
(word 2)
3
KEY_3
64-bit encryption key
(word 3) MSb’s
4
SYNC
16-bit synchronization
value
5
RESERVED
Set to 0000H
6
SER_0
Device Serial Number
(word 0) LSb’s
7
SER_1(Note) Device Serial Number
(word 1) MSb’s
8
SEED_0
Seed Value (word 0)
9
SEED_1
Seed Value (word 1)
10
RESERVED
Set to 0000H
11
CONFIG
Config Word
Note:
The MSB of the serial number contains a bit
used to select the Auto-shutoff timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com