Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS301-/P Datasheet(PDF) 22 Page - Microchip Technology

Part # HCS301-/P
Description  KEELOQ CODE HOPPING ENCODER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS301-/P Datasheet(HTML) 22 Page - Microchip Technology

Back Button HCS301-/P Datasheet HTML 18Page - Microchip Technology HCS301-/P Datasheet HTML 19Page - Microchip Technology HCS301-/P Datasheet HTML 20Page - Microchip Technology HCS301-/P Datasheet HTML 21Page - Microchip Technology HCS301-/P Datasheet HTML 22Page - Microchip Technology HCS301-/P Datasheet HTML 23Page - Microchip Technology HCS301-/P Datasheet HTML 24Page - Microchip Technology HCS301-/P Datasheet HTML 25Page - Microchip Technology HCS301-/P Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
HCS301
DS21143B-page 22
© 2001 Microchip Technology Inc.
FIGURE 8-6:
HCS301 TE VS. TEMP (BY CHARACTERIZATION ONLY)
0.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.7
-50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90
0.6
TE Min.
TE MAX.
TE MAX.
TE
TEMPERATURE
VDD = 3.5V
VDD = 5.0V
VDD = 5.0V
VDD = 5.0V
Typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com