Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTO2 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # GTO2
Description  Gate Drive Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

GTO2 Datasheet(HTML) 1 Page - ice Components, Ins.

  GTO2 Datasheet HTML 1Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
• Low Profile - 3mm
• Designed for Frequencies from
75 kHz to over 1 MHz
• Suiteable for Pick and Place
applications
Gate Drive Transformer
GTO2 Series
Mechanical
Schematic
Recommended PCB Layout
cust.serv@icecomp.com
www.icecomponents.com
(05/07) GT02-1
Specifications subject to change without notice.
Applications
• Gate Drive Transformer
• AC/DC and DC/DC
Converters
• Pulse/Signal Transformers
1. Tested at 100kHz,
0.1Vrms.
2. Electrical specifications at
25ºC.
3. Operating range: -40 ºC
to +130 ºC.
4. Meets UL 94V-0.
5. E-T product rating is for
secondary (gate) wind-
ings and is based upon
a flux density of 2200
Gaussat 25 ºC in a bipo-
lar drive application.
Packaging: Reel diameter: 13”, Reel width: 16 mm, Pieces/reel: 1500
Top View
units: mm
Dot for
pin 1
1
2
3
0.76
6
5
4
1
2
6
3.0 max
4
5
1
4
2
4
3
5
3
1
6
6
1.52
5.71
8.6 max
6.8
max
1.27
2.54
(X4)
XXX-XXX
YYWW
ICE Components, Inc.
Voice: 800.729.2099
Fax: 678.560.9304
Part
Turns Ratio Inductance1
DCR2
Lkg. Ind. E-T Prod5
Hi-Pot Schematic
Number
N1:N2:N3
(µH, min.)
(mΩ, max.) (µH, max.)
(V-µs)
(Vdc)
GT02-110-006
1:1
135
225:225
0.2
6.9
1500
A
GT02-110-010
1:1
290.4
320:320
0.2
10.2
1500
A
GT02-110-019
1:1
785
600:520
0.36
19.4
1500
A
GT02-120-006
1:2.5
21.6
110:320
0.1
6.9
1500
A
GT02-120-014
1:2.5
86.4
190:410
0.15
13.8
1500
A
GT02-111-006
1:1:1
135
230:230
0.1
6.9
1500
B
GT02-122-006
1:2.5:2.5
21.6
110:230
0.1
6.9
1500
B
GT02-122-008
1:2:2
48.6
160:260
0.15
8.3
1500
B
Electrical Specifications
3
N2
N1
N1
N2
N3


Similar Part No. - GTO2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GTO2940-12RP VISHAY-GTO2940-12RP Datasheet
43Kb / 2P
GTO Clamping Capacitors, Self-healing, Segmented
14-Jan-02
More results

Similar Description - GTO2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF0144-GD10 ETC-XF0144-GD10 Datasheet
35Kb / 1P
GATE DRIVE TRANSFORMER
logo
ice Components, Ins.
GT03 ICE-GT03 Datasheet
147Kb / 1P
Gate Drive Transformer
logo
Datatronic Distribution...
SM76922 DATATRONICS-SM76922 Datasheet
134Kb / 1P
GATE DRIVE TRANSFORMER
SM76925 DATATRONICS-SM76925 Datasheet
87Kb / 1P
GATE DRIVE TRANSFORMER
logo
ice Components, Ins.
GT03 ICE-GT03_10 Datasheet
240Kb / 1P
Gate Drive Transformer
GT04 ICE-GT04_08 Datasheet
206Kb / 2P
Gate Drive Transformer
logo
XFMRS Inc.
XF0144-GD10 XFMRS-XF0144-GD10 Datasheet
39Kb / 1P
Gate Drive Transformer
XF1145-GD11 XFMRS-XF1145-GD11 Datasheet
48Kb / 1P
Gate Drive Transformer
XF0144-GD10 XFMRS-XF0144-GD10_15 Datasheet
39Kb / 1P
GATE DRIVE TRANSFORMER
XF9806A-GD13 XFMRS-XF9806A-GD13 Datasheet
43Kb / 1P
GATE DRIVE TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com