Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93C76-/P Datasheet(PDF) 3 Page - Microchip Technology

Part # 93C76-/P
Description  8K/16K 5.0V Microwire Serial EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C76-/P Datasheet(HTML) 3 Page - Microchip Technology

  93C76-/P Datasheet HTML 1Page - Microchip Technology 93C76-/P Datasheet HTML 2Page - Microchip Technology 93C76-/P Datasheet HTML 3Page - Microchip Technology 93C76-/P Datasheet HTML 4Page - Microchip Technology 93C76-/P Datasheet HTML 5Page - Microchip Technology 93C76-/P Datasheet HTML 6Page - Microchip Technology 93C76-/P Datasheet HTML 7Page - Microchip Technology 93C76-/P Datasheet HTML 8Page - Microchip Technology 93C76-/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
 2004 Microchip Technology Inc.
DS21132E-page 3
93C76/86
TABLE 1-1:
DC CHARACTERISTICS
TABLE 1-2:
AC CHARACTERISTICS
DC CHARACTERISTICS
Applicable over recommended operating ranges shown below unless otherwise noted:
VCC = +4.5V to +5.5V
Commercial
(C): TA = 0°C to -40°C
Industrial
(I):
TA = -40°C to +85°C
Automotive
(E): TA = -40
°C to +125°C
Parameter
Symbol
Min.
Max.
Units
Conditions
High-level input voltage
VIH1
2.0
VCC +1
V
—
Low-level input voltage
VIL1
-0.3
0.8
V
—
Low-level output voltage
VOL1
—0.4
V
IOL = 2.1 mA; VCC = 4.5V
VOL2
—0.2
V
IOL =100
µA; VCC = 4.5V
High-level output voltage
VOH1
2.4
—
V
IOH = -400
µA; VCC = 4.5V
VOH2
VCC-0.2
—
V
IOH = -100
µA; VCC = 4.5V.
Input leakage current
ILI
-10
10
µAVIN = 0.1V to VCC
Output leakage current
ILO
-10
10
µAVOUT = 0.1V to VCC
Pin capacitance
(all inputs/outputs)
CINT
—7
pF
(Note 1)
TA = +25°C, FCLK = 1 MHz
Operating current
ICC write
—
3
mA
FCLK = 2 MHz; VCC = 5.5V
ICC read
—
1.5
mA
FCLK = 2 MHz; VCC = 5.5V
Standby current
ICCS
—100
µA
CLK = CS = 0V; VCC = 5.5V
DI = PE = VSS
ORG = VSS or VCC
Note 1:
This parameter is periodically sampled and not 100% tested.
AC CHARACTERISTICS
Applicable over recommended operating ranges shown below unless otherwise noted:
VCC = +4.5V to +5.5V
Commercial
(C): TA = 0°C to -40°C
Industrial
(I):
TA = -40°C to +85°C
Automotive
(E): TA = -40
°C to +125°C
Parameter
Symbol
Min.
Max.
Units
Conditions
Clock frequency
FCLK
—
2
MHz
Vcc
≥ 4.5V
Clock high time
TCKH
300
—
ns
Clock low time
TCKL
200
—
ns
Chip select setup time
TCSS
50
—
ns
Relative to CLK
Chip select hold time
TCSH
0—
ns
Chip select low time
TCSL
250
—
ns
Relative to CLK
Data input setup time
TDIS
100
—
ns
Relative to CLK
Data input hold time
TDIH
100
—
ns
Relative to CLK
Data output delay time
TPD
—
400
ns
CL = 100 pF
Data output disable time
TCZ
—
100
ns
(Note 1)
Status valid time
TSV
—
500
ns
CL = 100 pF
Program cycle time
TWC
—
10
ms
Erase/Write mode (Note 2)
TEC
—
15
ms
ERAL mode
TWL
—30
ms
WRAL mode
Endurance
—
1M
—
cycles
25°C, VCC = 5.0V, Block mode
(Note 3)
Note 1:
This parameter is periodically sampled and not 100% tested.
2:
Typical program cycle is 4 ms per word.
3:
This parameter is not tested but ensured by characterization. For endurance estimates in a specific
application, please consult the Total Endurance™ Model which can be obtained from Microchip’s web site
at www.microchip.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com