Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93C86-/P Datasheet(PDF) 4 Page - Microchip Technology

Part # 93C86-/P
Description  8K/16K 5.0V Microwire Serial EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C86-/P Datasheet(HTML) 4 Page - Microchip Technology

  93C86-/P Datasheet HTML 1Page - Microchip Technology 93C86-/P Datasheet HTML 2Page - Microchip Technology 93C86-/P Datasheet HTML 3Page - Microchip Technology 93C86-/P Datasheet HTML 4Page - Microchip Technology 93C86-/P Datasheet HTML 5Page - Microchip Technology 93C86-/P Datasheet HTML 6Page - Microchip Technology 93C86-/P Datasheet HTML 7Page - Microchip Technology 93C86-/P Datasheet HTML 8Page - Microchip Technology 93C86-/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
93C76/86
DS21132E-page 4
 2004 Microchip Technology Inc.
TABLE 1-3:
INSTRUCTION SET FOR 93C76: ORG=1 (X16 ORGANIZATION)
TABLE 1-4:
INSTRUCTION SET FOR 93C76: ORG=0 (X8 ORGANIZATION)
TABLE 1-5:
INSTRUCTION SET FOR 93C86: ORG=1 (X16 ORGANIZATION)
TABLE 1-6:
INSTRUCTION SET FOR 93C86: ORG=0 (X8 ORGANIZATION)
Instruction
SB
Opcode
Address
Data In
Data Out
Req. CLK Cycles
READ
1
10
X A8 A7 A6 A5 A4 A3 A2 A1 A0
—
D15 - D0
29
EWEN
1
00
1 1 X X X X X X X X
—
High-Z
13
ERASE
1
11
X A8 A7 A6 A5 A4 A3 A2 A1 A0
—
(RDY/BSY)
13
ERAL
1
00
1 0 X X X X X X X X
—
(RDY/BSY)
13
WRITE
1
01
X A8 A7 A6 A5 A4 A3 A2 A1 A0
D15 - D0
(RDY/BSY)
29
WRAL
1
00
0 1 X X X X X X X X
D15 - D0
(RDY/BSY)
29
EWDS
1
00
0 0 X X X X X X X X
—
High-Z
13
Instruction
SB
Opcode
Address
Data In
Data Out
Req. CLK
Cycles
READ
1
10
X A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
—
D7 - D0
22
EWEN
1
00
1 1 X X X X X X X X X
—
High-Z
14
ERASE
1
11
X A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
—
(RDY/BSY)
14
ERAL
1
00
1 0 X X X X X X X X X
—
(RDY/BSY)
14
WRITE
1
01
X A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
D7 - D0
(RDY/BSY)
22
WRAL
1
00
0 1 X X X X X X X X X
D7 - D0
(RDY/BSY)
22
EWDS
1
00
0 0 X X X X X X X X X
—
High-Z
14
Instruction
SB
Opcode
Address
Data In
Data Out
Req. CLK Cycles
READ
1
10
A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
—
D15 - D0
29
EWEN
1
00
1 1 X X X X X X X X
—
High-Z
13
ERASE
1
11
A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
—
(RDY/BSY)
13
ERAL
1
00
1 0 X X X X X X X X
—
(RDY/BSY)
13
WRITE
1
01
A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
D15 - D0
(RDY/BSY)
29
WRAL
1
00
0 1 X X X X X X X X
D15 - D0
(RDY/BSY)
29
EWDS
1
00
0 0 X X X X X X X X
—
High-Z
13
Instruction
SB
Opcode
Address
Data In
Data Out
Req. CLK Cycles
READ
1
10
A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
—
D7 - D0
22
EWEN
1
00
1 1 X X X X X X X X X
—
High-Z
14
ERASE
1
11
A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
—
(RDY/BSY)
14
ERAL
1
00
1 0 X X X X X X X X X
—
(RDY/BSY)
14
WRITE
1
01
A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
D7 - D0
(RDY/BSY)
22
WRAL
1
00
0 1 X X X X X X X X X
D7 - D0
(RDY/BSY)
22
EWDS
1
00
0 0 X X X X X X X X X
—
High-Z
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com