Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80107 Datasheet(PDF) 1 Page - Alpha Wire

Part # 80107
Description  26 (19/38) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

80107 Datasheet(HTML) 1 Page - Alpha Wire

  80107 Datasheet HTML 1Page - Alpha Wire 80107 Datasheet HTML 2Page - Alpha Wire 80107 Datasheet HTML 3Page - Alpha Wire 80107 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 80107
Construction
 
Diameters (In)
1) Component 1
8 X 1 COND
 
a) Conductor
26 (19/38) AWG Tinned Copper
0.021
b) Insulation
0.010" Wall, Nom. MPPE
0.041
(1) Color Code
Alpha Wire Color Code D
Cond
Color
Cond
Color
Cond
Color
1
BLACK
4
GREEN
7
BROWN
2
RED
5
ORANGE
8
YELLOW
3
WHITE
6
BLUE
 
2) Cable Assembly
8 Components Cabled
 
a) Twists:
6.9 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
c) Core Wrap
Nonwoven Polyester Tape, 25% Overlap, Min.
 
3) Shield
Tinned Copper BRAID Shield,85% Coverage, Min.
 
4) Jacket
0.032" Wall, Nom.,Polyurethane, Zero Halogen (ZH)
0.249+/- 0.014
a) Color(s)
SLATE
b) Jacket Separator
Tissue Tape, 25% Overlap, Min.
 
c) Print
ALPHA WIRE-* P/N 80107 8C 26 AWG
RU AWM STYLE 21959 90C 600V SUN RES 60C OIL OR
CRU AWM I/II A/B 90C 600V FT2 --- IEC EN 60332-1/2
CE ROHS (SEQ FOOTAGE)
* = Factory Code
Applicable Specifications


Similar Part No. - 80107

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8010 FILTRAN-8010 Datasheet
200Kb / 1P
T1/CEPT Extended Temperature Range SMD Dual Line Interface Module
logo
Sonardyne sound in dept...
8010 SONARDYNE-8010 Datasheet
116Kb / 2P
RovNav 5 LBL Transceiver
logo
NTE Electronics
8010 NTE-8010 Datasheet
57Kb / 1P
Radial Lead Thermal Cutoff
logo
VECTOR ELECTRONICS AND ...
8010 VECTOR-8010 Datasheet
277Kb / 4P
Prototyping Boards (Circbord®)
logo
REMA Lipprandt GmbH & C...
80100-00 REMA-80100-00 Datasheet
128Kb / 1P
MonoCon
More results

Similar Description - 80107

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
Molex Electronics Ltd.
0082265719 MOLEX3-0082265719 Datasheet
225Kb / 4P
2.54mm (.100") Pitch Round Conductor Flat Cable - 26 AWG (1 x 26) Solid, Tinned, 19 Circuits
logo
General Cable Technolog...
C35194102 GENERAL-C35194102 Datasheet
78Kb / 3P
C3519, Coaxial Cable, Plenum, RG58/U Type, 19 AWG Solid Bare Copper, 95% Tinned Copper Braid
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
3105A ETC2-3105A Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1344817 ETC2-1344817 Datasheet
97Kb / 2P
18 AWG stranded (7x26) tinned copper conductors
1345997 ETC2-1345997 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
28517 ETC2-28517 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
logo
TE Connectivity Ltd
0026G8424 TEC-0026G8424 Datasheet
193Kb / 2P
100 OHM, AWG 26, 19 STRANDS OF AWG 38, TWINAXIAL CABLE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com