Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80113 Datasheet(PDF) 2 Page - Alpha Wire

Part # 80113
Description  24 (19/36) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

80113 Datasheet(HTML) 2 Page - Alpha Wire

  80113 Datasheet HTML 1Page - Alpha Wire 80113 Datasheet HTML 2Page - Alpha Wire 80113 Datasheet HTML 3Page - Alpha Wire 80113 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1) UL
 
 
a) Component 1
AWM/STYLE 11231
105°C / 600 VRMS
b) Overall
AWM/STYLE 21959
90°C / 600 VRMS
 
60C OIL
 
 
SUN RES
 
2) CSA International
C(RU) AWM I/II A/B
90°C / 600 VRMS
 
FT2
 
3) IEC
 
 
a) Component 1
EN 60228 Conductors, Class 6
 
b) Overall
EN 60754-1 Acid Gas Generation
 
 
EN 60754-2 Acid Gas Generation
 
 
EN 60332-1 Flame Behavior
 
 
EN 60332-2 Flame Behavior
 
4) Other
NFPA 79 - 2015 Compliant
 
5) CE:
EU Low Voltage Directive 2014/35/EU
Environmental
1) CE: EU Directive 2011/65/EU(RoHS2), EU Directive 2015/863/EU
(RoHS3):
 
This product complies with European Directive 2011/65/EU (RoHS
Directive) of the European Parliament and of the Council of 8 June
2011 and the amending Directive 2015/863/EU of 4 June 2015 . No
Exemptions are required for RoHS Compliance on this item.
2) REACH Regulation (EC 1907/2006):
 
This product does not contain Substances of Very High Concern
(SVHC) listed on the European Union's REACH candidate list in
excess of 0.1% mass of the item.
Properties
Physical & Mechanical Properties
1) Temperature Range
-50 to 90°C(static), -40 to 80°C (dynamic)
2) Bend Radius
4X Cable Diameter(static), 6X Cable Diameter(dynamic)
3) Pull Tension
43 Lbs, Maximum
4) Sunlight Resistance
Yes
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
600 VRMS
2) Capacitance
27 pF/ft @1 kHz, Nominal Conductor to Conductor
3) Ground Capacitance
49 pF/ft @1 kHz, Nominal
4) Inductance
0.19 μH/ft, Nominal
5) Conductor DCR
24.5 Ω/1000ft @20°C, Nominal
6) OA Shield DCR
4.3 Ω/1000ft @20°C, Nominal



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com