Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C32AT-/P Datasheet(PDF) 10 Page - Microchip Technology

Part # 24C32AT-/P
Description  32K 5.0V I2CSerial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C32AT-/P Datasheet(HTML) 10 Page - Microchip Technology

Back Button 24C32AT-/P Datasheet HTML 4Page - Microchip Technology 24C32AT-/P Datasheet HTML 5Page - Microchip Technology 24C32AT-/P Datasheet HTML 6Page - Microchip Technology 24C32AT-/P Datasheet HTML 7Page - Microchip Technology 24C32AT-/P Datasheet HTML 8Page - Microchip Technology 24C32AT-/P Datasheet HTML 9Page - Microchip Technology 24C32AT-/P Datasheet HTML 10Page - Microchip Technology 24C32AT-/P Datasheet HTML 11Page - Microchip Technology 24C32AT-/P Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
24C32A
24C32A Product Identification System
To order or to obtain information, e.g., on pricing or delivery, please use the listed part numbers, and refer to the factory or the listed
sales offices.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
Package:
P = Plastic DIP (300 mil Body), 8-lead
SN = Plastic SOIC (150 mil Body, EIAJ standard)
SM = Plastic SOIC (207 mil Body, EIAJ standard)
Temperature
Blank =
0
°C to +70°C
Range:
I =-40
°C to +85°C
E= -40
°C to +125°C
Device:
24C32A
32K I2C Serial EEPROM (100 kHz, 400 kHz)
24C32AT
32K I2C Serial EEPROM (Tape and Reel)
24C32A
-
/P
DS21163E-page 10
 2004 Microchip Technology Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com