Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8341 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8341
Description  Television IF amplifier and demodulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8341 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8341 Datasheet HTML 4Page - NXP Semiconductors TDA8341 Datasheet HTML 5Page - NXP Semiconductors TDA8341 Datasheet HTML 6Page - NXP Semiconductors TDA8341 Datasheet HTML 7Page - NXP Semiconductors TDA8341 Datasheet HTML 8Page - NXP Semiconductors TDA8341 Datasheet HTML 9Page - NXP Semiconductors TDA8341 Datasheet HTML 10Page - NXP Semiconductors TDA8341 Datasheet HTML 11Page - NXP Semiconductors TDA8341 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
November 1987
8
Philips Semiconductors
Product specification
Television IF amplifier and demodulator
TDA8340
TDA8341
Notes
1. All input signals are measured r.m.s. at top sync and 38,9 MHz.
2. Measured with 0 dB = 200
µV.
3. Tuner AGC starting point is defined as ‘level of input signal when tuner AGC current = 1 mA’.
4. Measured with pin 3 connected via 39 k
Ω resistor to VCC (pin 11), with an r.m.s. voltage of 10 mV top sync input
signal and with pin 12 not loaded.
5. At the ‘projected zero point’, e.g. with switched demodulator.
6. Measured in the circuit of Fig.7:
the differential gain is expressed as a percentage of the difference in peak amplitudes between the largest and
smallest value relative to the subcarrier amplitude at blanking level;
the differential phase is defined as ‘the difference (in degrees) between the largest and smallest phase angles’.
7. Measured according to the test line shown in Fig.9:
the non-linearity is expressed as a percentage of the maximum deviation of a luminance step from the mean step,
with respect to the mean step;
the mean step is (white level
− black level) divided by the number of steps.
8. Measured up to 45 dB gain control.
9. Test set-up and input conditions for intermodulation measurements as in Figs 6 and 7.
10. Measured with a 75
Ω source:
11. Video output waveform showing white spot and noise inverter threshold levels.
12. Measured with input signal V1-16 = 10 mV and with no load at AFC output.
SS
N
+
()
⁄
20log
V
out black to white
V
n rms
() at B
5 MHz
=
--------------------------------------------------------
=
Fig.2 AFC output voltage as a function of frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com