Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC41A-/P Datasheet(PDF) 11 Page - Microchip Technology

Part # 24LC41A-/P
Description  1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC41A-/P Datasheet(HTML) 11 Page - Microchip Technology

Back Button 24LC41A-/P Datasheet HTML 7Page - Microchip Technology 24LC41A-/P Datasheet HTML 8Page - Microchip Technology 24LC41A-/P Datasheet HTML 9Page - Microchip Technology 24LC41A-/P Datasheet HTML 10Page - Microchip Technology 24LC41A-/P Datasheet HTML 11Page - Microchip Technology 24LC41A-/P Datasheet HTML 12Page - Microchip Technology 24LC41A-/P Datasheet HTML 13Page - Microchip Technology 24LC41A-/P Datasheet HTML 14Page - Microchip Technology 24LC41A-/P Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
 2003 Microchip Technology Inc.
DS21176D-page 11
24LC41A
5.0
ACKNOWLEDGE POLLING
Acknowledge polling can be done for both the DDC
Monitor Port (when in Bidirectional mode) and the
Microcontroller Access Port.
Since the port will not acknowledge during a write
cycle, this can be used to determine when the cycle is
complete (this feature can be used to maximize but
throughput). Once the Stop condition for a Write
command has been issued from the master, the device
initiates the internally timed write cycle. ACK polling
can be initiated immediately. This involves the master
sending a Start condition followed by the control byte
for a Write command (R/W=0). If the device is still busy
with the write cycle, then no ACK will be returned. If the
cycle is complete, then the device will return the ACK
and the master can then proceed with the next Read or
Write command. See Figure 5-1 for the flow diagram.
FIGURE 5-1:
ACKNOWLEDGE
POLLING FLOW
Send
Write Command
Send Stop
Condition to
Initiate Write Cycle
Send Start
Send Control Byte
with R/W = 0
Did Device
Acknowledge
(ACK = 0)?
Next
Operation
NO
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com