Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP02-3 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # LP02-3
Description  VRM Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

LP02-3 Datasheet(HTML) 1 Page - ice Components, Ins.

  LP02-3 Datasheet HTML 1Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VRM Inductor
LP02-3 Series
Mechanical
Electrical Specifications
1. Tested @ 1MHz, 0.1Vrms.
2. Inductance drops 15% at rated I
sat.
3. DC current that causes a 40ºC tempera-
ture rise. PCB layout, trace thickness and
width, airflow and proximity to other
devices will effect the temperature rise.
4. Electrical specifications at 25ºC.
5. Operating temperature range:
-40ºC to +130ºC.
6. Meets UL 94V-0.
7. Test equipment used includes HP4194A
Impedance Analyzer, GPR-1210 HHD DC
Power Supply, and CH502A Ohmmeter.
Specifications subject to change without notice.
(01/07) LP02-3
XXX-Y
S
F
10.1mm
7.0mm
5.0mm
10.35mm
2.8mm
3.0mm
Recommended PCB Layout
Part
Number
Inductance
1
(nH, ± 15%)
DCR
(m� ± 10%)
I
SAT
2
(A)
Idc3
(A)
LP02-900-3
90
0.35
72
40
LP02-121-3
120
0.35
52
40
LP02-151-3
155
0.35
43
40
LP02-181-3
180
0.35
37
40
LP02-201-3
200
0.35
32
40
LP02-251-3
250
0.35
25
40
LP02-281-3
280
0.35
22
40
LP02-351-3
350
0.35
16
40
LP02-900-3AMG
90
0.5
68
29
LP02-121-3AMG
120
0.5
55
29
LP02-151-3AMG
155
0.5
43
29
LP02-181-3AMG
180
0.5
35
29
LP02-201-3AMG
200
0.5
30
29
LP02-251-3AMG
250
0.5
21
29
LP02-281-3AMG
280
0.5
20
29
LP02-351-3AMG
350
0.5
15
29
cust.serv@icecomp.com
www.icecomponents.com
ICE Components, Inc.
Voice: 800.729.2099
Fax: 678.560.9304
FEATURES
-Design verified by
leading IC manufacturers
-High saturation current of 72A
-Designed for frequencies up to 1MHz
-Suitable for pick and place applica-
tions
-Tighter DCR tolerances available.
Contact ICE for additional Details
PACKAGING: Reel Diameter: 13", Reel Width: 16mm, Pieces Per Reel: 800
APPLICATIONS
-Voltage Regulator Modules
(VRMs)
-High Frequency, High Current
Switching Power Supplies
-Synchronous Buck DC/DC
Converters


Similar Part No. - LP02-3

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LP02-3 ICE-LP02-3 Datasheet
217Kb / 1P
VRM Inductor
LP02-301-2 ICE-LP02-301-2 Datasheet
192Kb / 1P
VRM Inductor
LP02-301-2 ICE-LP02-301-2 Datasheet
156Kb / 1P
VRM Inductor
LP02-321-5 ICE-LP02-321-5 Datasheet
183Kb / 1P
VRM Inductor
LP02-321-5 ICE-LP02-321-5 Datasheet
158Kb / 1P
VRM Inductor
More results

Similar Description - LP02-3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1700-XX MICROSEMI-LXM1700-XX Datasheet
142Kb / 4P
PENTIUM II VRM MODULE
LX1677 MICROSEMI-LX1677 Datasheet
320Kb / 16P
AMD64 Processor VRM Controller
logo
ice Components, Ins.
LP02-1 ICE-LP02-1 Datasheet
158Kb / 1P
VRM Inductor
LP02-2 ICE-LP02-2 Datasheet
156Kb / 1P
VRM Inductor
LP02-5 ICE-LP02-5 Datasheet
158Kb / 1P
VRM Inductor
ICL813-1 ICE-ICL813-1 Datasheet
192Kb / 2P
VRM/POL Inductor
LP02-1 ICE-LP02-1_08 Datasheet
194Kb / 1P
VRM Inductor
LP02-2 ICE-LP02-2_08 Datasheet
192Kb / 1P
VRM Inductor
LP02-3 ICE-LP02-3_08 Datasheet
217Kb / 1P
VRM Inductor
LP02-5 ICE-LP02-5_08 Datasheet
183Kb / 1P
VRM Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com