Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP02-5 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # LP02-5
Description  VRM Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

LP02-5 Datasheet(HTML) 1 Page - ice Components, Ins.

  LP02-5 Datasheet HTML 1Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VRM Inductor
LP02-5 Series
Mechanical
Electrical Specifications
1. Tested @ 1MHz, 0.1Vrms.
2. Inductance drops 15% at rated I
sat.
3. DC current that causes a 40ºC tempera-
ture rise. PCB layout, trace thickness and
width, airflow and proximity to other
devices will effect the temperature rise.
4. Electrical specifications at 25ºC.
5. Operating temperature range:
-40ºC to +130ºC.
6. Meets UL 94V-0.
7. Test equipment used includes HP4194A
Impedance Analyzer, GPR-1210 HHD DC
Power Supply, and CH502A Ohmmeter.
Specifications subject to change without notice.
(01/07) LP02-5
XXX-Y
S
F
LP02-121-5
LP02-191-5
LP02-241-5
LP02-281-5
LP02-321-5
LP02-381-5
LP02-431-5
LP02-511-5
LP02-571-5
LP02-771-5
120
190
240
280
320
380
430
510
570
770
100
77
60
50
42
35
30
24
20
12
50
50
50
50
50
50
50
50
50
50
Part
Number
DCR ± 10%
(mΩ)
Inductance
1
(nH, ±15%)
I
sat
2
(A)
I
dc
3
(A)
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
13.5mm
13.00mm
8.0mm
3.2mm
13.46mm
7.6mm
Recommended PCB Layout
cust.serv@icecomp.com
www.icecomponents.com
ICE Components, Inc.
Voice: 800.729.2099
Fax: 678.560.9304
FEATURES
-Design verified by
leading IC manufacturers
-High saturation current of 100A
-Designed for frequencies up to 1MHz
-Suitable for pick and place applica-
tions
-Tighter DCR tolerances available.
Contact ICE for additional Details
PACKAGING: Reel Diameter: 13", Reel Width: 24mm, Pieces Per Reel: 400
APPLICATIONS
-Voltage Regulator Modules
(VRMs)
-High Frequency, High Current
Switching Power Supplies
-Synchronous Buck DC/DC
Converters


Similar Part No. - LP02-5

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LP02-5 ICE-LP02-5 Datasheet
183Kb / 1P
VRM Inductor
LP02-500-1S ICE-LP02-500-1S Datasheet
194Kb / 1P
VRM Inductor
LP02-500-1S ICE-LP02-500-1S Datasheet
158Kb / 1P
VRM Inductor
LP02-511-5 ICE-LP02-511-5 Datasheet
183Kb / 1P
VRM Inductor
LP02-571-5 ICE-LP02-571-5 Datasheet
183Kb / 1P
VRM Inductor
More results

Similar Description - LP02-5

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1700-XX MICROSEMI-LXM1700-XX Datasheet
142Kb / 4P
PENTIUM II VRM MODULE
LX1677 MICROSEMI-LX1677 Datasheet
320Kb / 16P
AMD64 Processor VRM Controller
logo
ice Components, Ins.
LP02-1 ICE-LP02-1 Datasheet
158Kb / 1P
VRM Inductor
LP02-2 ICE-LP02-2 Datasheet
156Kb / 1P
VRM Inductor
LP02-3 ICE-LP02-3 Datasheet
168Kb / 1P
VRM Inductor
ICL813-1 ICE-ICL813-1 Datasheet
192Kb / 2P
VRM/POL Inductor
LP02-1 ICE-LP02-1_08 Datasheet
194Kb / 1P
VRM Inductor
LP02-2 ICE-LP02-2_08 Datasheet
192Kb / 1P
VRM Inductor
LP02-3 ICE-LP02-3_08 Datasheet
217Kb / 1P
VRM Inductor
LP02-5 ICE-LP02-5_08 Datasheet
183Kb / 1P
VRM Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com