Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP03 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # LP03
Description  SMT High Current Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

LP03 Datasheet(HTML) 1 Page - ice Components, Ins.

  LP03 Datasheet HTML 1Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LP03-0R1-1
LP03-0R4-1
LP03-0R9-1
LP03-1R5-1
LP03-1R4-2
LP03-2R1-2
LP03-3R0-2
LP03-4R1-2
LP03-1R2-3
LP03-2R7-3
LP03-3R7-3
LP03-4R9-3
LP03-7R6-3
LP03-110-3
SRF typ
(MHz)
FEATURES
-Will Handle Up To 100A
-Uses Distributed Gap Material
-155ºC Temperature Rating
-Suitable for Pick And Place Applications
-Withstands Solder Reflow
SMT High Current Inductors
LP03 Series
Mechanical
Electrical Specifications
1. Tested @ 100kHz, 0.1Vrms.
2. Inductance drops 30% at rated I
SAT.
3. Temperature rise = 40ºC at rated I
DC.
4. Electrical specifications at 25ºC.
5. Operating temperature range: -40ºC
to + 155ºC.
6. Meets UL 94V-0.
7. For Lead Free components, please
add "LF" as suffix.
Specifications subject to change without notice.
PACKAGING
-Reel Diameter:
13"
-Reel Width:
24mm
-Quantity Per Reel: LP03-XXX-1
400 pcs
LP03-XXX-2
400 pcs
LP03-XXX-3
300 pcs
0.10
0.40
0.90
1.50
1.40
2.10
3.00
4.10
1.20
2.70
3.70
4.90
7.60
11.0
0.15
0.65
1.40
3.20
2.40
4.00
6.00
6.80
1.20
2.80
4.10
4.80
7.90
11.7
100
65.0
40.0
30.0
35.0
30.0
25.0
23.0
45.0
30.0
23.0
21.0
16.0
13.0
50.0
32.0
23.0
15.5
19.0
16.0
14.0
11.5
25.0
18.0
15.5
14.0
11.0
9.0
>100
>100
>100
70
>100
50
40
30
>100
50
40
30
25
20
Part
Number
DCR max
(mΩ)
Inductance
1
(µH,nom.)
I
SAT
2
(A)
I
DC
3
(A)
(10/06) LP03-1
2.5
3
5.20
2.60
2.60
3.5
3.2
7.2
1
2
12.0
C=LP03-XXX-1: 4.5mm max.
LP03-XXX-2: 5.2mm max.
LP03-XXX-3: 6.5mm max.
13.8
13.5
1
2
Schematic
Recommended PCB Layout
APPLICATIONS
-Computers
-AC/DC Converters
-Output Power Chokes
-High Current Applications
cust.serv@icecomp.com
www.icecomponents.com
ICE Components, Inc.
Voice: 800.729.2099
Fax: 678.560.9304


Similar Part No. - LP03

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LP03 ICE-LP03 Datasheet
176Kb / 1P
SMT High Current Inductors
LP03-0R1-1 ICE-LP03-0R1-1 Datasheet
176Kb / 1P
SMT High Current Inductors
LP03-0R4-1 ICE-LP03-0R4-1 Datasheet
176Kb / 1P
SMT High Current Inductors
LP03-0R9-1 ICE-LP03-0R9-1 Datasheet
176Kb / 1P
SMT High Current Inductors
LP03-110-3 ICE-LP03-110-3 Datasheet
176Kb / 1P
SMT High Current Inductors
More results

Similar Description - LP03

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LP05 ICE-LP05 Datasheet
214Kb / 1P
SMT High Current Inductors
LP06 ICE-LP06 Datasheet
233Kb / 1P
SMT High Current Inductors
LP07 ICE-LP07 Datasheet
127Kb / 1P
SMT High Current Inductors
LP08 ICE-LP08 Datasheet
169Kb / 1P
SMT High Current Inductors
LP03 ICE-LP03_08 Datasheet
176Kb / 1P
SMT High Current Inductors
LP05 ICE-LP05_08 Datasheet
148Kb / 1P
SMT High Current Inductors
LP06 ICE-LP06_08 Datasheet
176Kb / 1P
SMT High Current Inductors
LP07 ICE-LP07_08 Datasheet
135Kb / 1P
SMT High Current Inductors
LP08 ICE-LP08_08 Datasheet
181Kb / 1P
SMT High Current Inductors
logo
List of Unclassifed Man...
PM2120-470K ETC2-PM2120-470K Datasheet
134Kb / 1P
SMT High Current Toroid Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com