Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C01SC-/WF08 Datasheet(PDF) 8 Page - Microchip Technology

Part # 24C01SC-/WF08
Description  1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C01SC-/WF08 Datasheet(HTML) 8 Page - Microchip Technology

Back Button 24C01SC-/WF08 Datasheet HTML 4Page - Microchip Technology 24C01SC-/WF08 Datasheet HTML 5Page - Microchip Technology 24C01SC-/WF08 Datasheet HTML 6Page - Microchip Technology 24C01SC-/WF08 Datasheet HTML 7Page - Microchip Technology 24C01SC-/WF08 Datasheet HTML 8Page - Microchip Technology 24C01SC-/WF08 Datasheet HTML 9Page - Microchip Technology 24C01SC-/WF08 Datasheet HTML 10Page - Microchip Technology 24C01SC-/WF08 Datasheet HTML 11Page - Microchip Technology 24C01SC-/WF08 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
24C01SC/24C02SC
DS21170E-page 8
 2004 Microchip Technology Inc.
6.4
Noise Protection
The 24C01SC/02SC employs a VCC threshold detector
circuit which disables the internal erase/write logic if the
VCC is below 1.5 volts at nominal conditions.
The SCL and SDA inputs have Schmitt Trigger and
filter circuits which suppress noise spikes to assure
proper device operation even on a noisy bus.
FIGURE 6-1:
CURRENT ADDRESS READ
FIGURE 6-2:
RANDOM READ
FIGURE 6-3:
SEQUENTIAL READ
SP
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
A
R
T
Control
Byte
Data n
A
C
K
N
O
A
C
K
S
T
O
P
S
P
S
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
A
R
T
S
T
O
P
Control
Byte
Word
Address (n)
Data n
A
C
K
A
C
K
N
O
A
C
K
Control
Byte
A
C
K
S
T
A
R
T
P
SDA LINE
BUS ACTIVITY
S
T
O
P
Control
Byte
Data n
A
C
K
N
O
A
C
K
A
C
K
A
C
K
A
C
K
Data n + 1
Data n + 2
Data n + X
BUS ACTIVITY
MASTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com