Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C02SC-/WF08 Datasheet(PDF) 6 Page - Microchip Technology

Part # 24C02SC-/WF08
Description  1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C02SC-/WF08 Datasheet(HTML) 6 Page - Microchip Technology

Back Button 24C02SC-/WF08 Datasheet HTML 2Page - Microchip Technology 24C02SC-/WF08 Datasheet HTML 3Page - Microchip Technology 24C02SC-/WF08 Datasheet HTML 4Page - Microchip Technology 24C02SC-/WF08 Datasheet HTML 5Page - Microchip Technology 24C02SC-/WF08 Datasheet HTML 6Page - Microchip Technology 24C02SC-/WF08 Datasheet HTML 7Page - Microchip Technology 24C02SC-/WF08 Datasheet HTML 8Page - Microchip Technology 24C02SC-/WF08 Datasheet HTML 9Page - Microchip Technology 24C02SC-/WF08 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
24C01SC/24C02SC
DS21170E-page 6
 2004 Microchip Technology Inc.
FIGURE 4-1:
BYTE WRITE
FIGURE 4-2:
PAGE WRITE
S
P
S
T
A
R
T
S
T
O
P
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
A
C
K
A
C
K
A
C
K
Control
Byte
Word
Address
Data
S
P
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
A
R
T
S
T
O
P
Control
Byte
Word
Address (n)
Data n
Data n + 7
Data n + 1
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com