Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C01SC-/S Datasheet(PDF) 2 Page - Microchip Technology

Part # 24C01SC-/S
Description  1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C01SC-/S Datasheet(HTML) 2 Page - Microchip Technology

  24C01SC-/S Datasheet HTML 1Page - Microchip Technology 24C01SC-/S Datasheet HTML 2Page - Microchip Technology 24C01SC-/S Datasheet HTML 3Page - Microchip Technology 24C01SC-/S Datasheet HTML 4Page - Microchip Technology 24C01SC-/S Datasheet HTML 5Page - Microchip Technology 24C01SC-/S Datasheet HTML 6Page - Microchip Technology 24C01SC-/S Datasheet HTML 7Page - Microchip Technology 24C01SC-/S Datasheet HTML 8Page - Microchip Technology 24C01SC-/S Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
24C01SC/24C02SC
DS21170E-page 2
 2004 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
VCC.............................................................................................................................................................................7.0V
All inputs and outputs w.r.t. VSS ........................................................................................................ -0.6V to VCC + 1.0V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature with power applied ................................................................................................-40°C to +125°C
ESD protection on all pads
......................................................................................................................................................≥4 kV
TABLE 1-1:
DC CHARACTERISTICS
FIGURE 1-1:
BUS TIMING START/STOP
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
DC CHARACTERISTICS
VCC = +4.5V to +5.5V Commercial (C): TA = 0°C to +70°C
Parameter
Symbol
Min.
Max.
Units
Conditions
SCL and SDA pads:
High level input voltage
VIH
.7 VCC
——
Low level input voltage
VIL
—.3 VCC
V
Hysteresis of Schmidt Trigger
inputs
VHYS
.05 VCC
—V
(Note 1)
Low level output voltage
VOL
—.40
V
IOL = 3.0 mA, VCC = 4.5V
Input leakage current (SCL)
ILI
-10
10
µAVIN = .1V to 5.5V
Output leakage current (SDA)
ILO
-10
10
µAVOUT = .1V to 5.5V
Pin capacitance (all inputs/outputs)
CIN,
COUT
—10
pF
VCC = 5.0V (Note 1)
TA = 25°C, FCLK = 1 MHz
Operating current
ICC Write
—
3
mA
VCC = 5.5V
ICC Read
—
1
mA
Vcc = 5.5V, SCL = 400 KHz
Standby current
ICCS
—100
µAVCC = 5.5V, SDA = SCL = VCC
Note 1:
This parameter is periodically sampled and not 100% tested.
SCL
SDA
TSU:STA
THD:STA
START
STOP
VHYS
TSU:STO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com