Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1608 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # LS1608
Description  Surface Mount Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

LS1608 Datasheet(HTML) 1 Page - ice Components, Ins.

  LS1608 Datasheet HTML 1Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
-Will Handle up to 3.0A
-Suitable for Pick and Place
-Withstands Solder Reflow
-High Performance Shielded Design
APPLICATIONS
-Handheld and PDA Applications
-DC/DC Converters
-Output Power Chokes
-Battery Powered or Low Voltage Applications
PACKAGING
-Reel Diameter:
13"
-Reel Width:
16mm
-Pieces Per Reel: 2500
Surface Mount Power Inductors
LS1608 Series
Mechanical
Electrical Specifications
LS1608-1R0-RM
LS1608-1R5-RM
LS1608-2R2-RM
LS1608-3R3-RM
LS1608-4R7-RM
LS1608-6R8-RM
LS1608-100-RM
LS1608-150-RM
LS1608-220-RM
LS1608-330-RM
LS1608-470-RM
LS1608-680-RM
LS1608-101-RM
LS1608-151-RM
LS1608-221-RM
LS1608-331-RM
LS1608-471-RM
LS1608-681-RM
LS1608-102-RM
LS1608-152-RM
LS1608-222-RM
LS1608-332-RM
LS1608-472-RM
LS1608-682-RM
LS1608-103-RM
Part
Number
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
1,000
1,500
2,200
3,300
4,700
6,800
10,000
Inductance1
(uH +/- 20%)
0.040
0.045
0.050
0.055
0.060
0.065
0.075
0.090
0.11
0.19
0.23
0.29
0.48
0.59
0.77
1.40
1.80
2.20
3.40
4.20
8.50
11.00
13.90
25.00
32.80
DCR max
(Ω)
3.00
2.80
1.80
1.60
1.40
1.20
1.0
0.80
0.70
0.60
0.50
0.40
0.30
0.26
0.22
0.20
0.19
0.18
0.15
0.12
0.10
0.08
0.06
0.04
0.02
I
dc max
2
(A)
1. Tested @ 100kHz, 0.1Vrms.
2. Inductance drop = 10% at rated
I
dc max.
3. Operating temperature range:
-40ºC to +85ºC.
4. Electrical specifications at 25ºC.
5. Meets UL 94V-0.
(10/06) LS-1
Specifications subject to change without notice
���������������������
���������������������
��������������������
�������������������
����� ������������


Similar Part No. - LS1608

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LS1608 ICE-LS1608 Datasheet
174Kb / 1P
Surface Mount Power Inductors
LS1608-100-RM ICE-LS1608-100-RM Datasheet
174Kb / 1P
Surface Mount Power Inductors
LS1608-101-RM ICE-LS1608-101-RM Datasheet
174Kb / 1P
Surface Mount Power Inductors
LS1608-102-RM ICE-LS1608-102-RM Datasheet
174Kb / 1P
Surface Mount Power Inductors
LS1608-103-RM ICE-LS1608-103-RM Datasheet
174Kb / 1P
Surface Mount Power Inductors
More results

Similar Description - LS1608

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
Surface Mount Power Inductors
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
logo
TT Electronics.
HM62-2610 TTELEC-HM62-2610 Datasheet
1Mb / 8P
Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com