Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA64 Datasheet(PDF) 2 Page - Microchip Technology

Part # 24AA64
Description  64K I2C??Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA64 Datasheet(HTML) 2 Page - Microchip Technology

  24AA64 Datasheet HTML 1Page - Microchip Technology 24AA64 Datasheet HTML 2Page - Microchip Technology 24AA64 Datasheet HTML 3Page - Microchip Technology 24AA64 Datasheet HTML 4Page - Microchip Technology 24AA64 Datasheet HTML 5Page - Microchip Technology 24AA64 Datasheet HTML 6Page - Microchip Technology 24AA64 Datasheet HTML 7Page - Microchip Technology 24AA64 Datasheet HTML 8Page - Microchip Technology 24AA64 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
24AA64/24LC64
DS21189F-page 2
 2002 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
V
CC.............................................................................................................................................................................6.5V
All inputs and outputs w.r.t. V
SS ......................................................................................................... -0.3V to VCC +1.0V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temp. with power applied ..........................................................................................................-40°C to +125°C
ESD protection on all pins
......................................................................................................................................................≥ 4kV
1.1
DC C
haracteristics
† NOTICE: Stresses above those listed under “Maximum ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.
DC CHARACTERISTICS
V
CC = +1.8V to +5.5V
Industrial (I):
T
AMB = -40°C to +85°C
Automotive (E): T
AMB = -40°C to +125°C
Param.
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
D1
V
IH
WP, SCL and SDA pins
—
——
—
—
D2
—
High level input voltage
0.7 V
CC
——
V
—
D3
V
IL
Low level input voltage
—
—
0.3 V
CC
V—
D4
V
HYS
Hysteresis of Schmitt
Trigger inputs
0.05 V
CC
——
V
(Note 1)
D5
V
OL
Low level output voltage
—
—
0.40
V
I
OL = 3.0 mA, VCC = 2.5V
D6
I
LI
Input leakage current
——
±10
µA
V
IN =.1V to VCC
D7
I
LO
Output leakage current
——
±10
µA
V
OUT =.1V to VCC
D8
C
IN,
C
OUT
Pin capacitance
(all inputs/outputs)
—
—
10
pF
V
CC = 5.0V (Note 1)
T
AMB = 25°C, FCLK = 1 MHz
D9
I
CC write Operating current
—0.1
3
mA
V
CC = 5.5V, SCL = 400 kHz
D10
I
CC read
—
0.05
1
mA
—
D11
I
CCS
Standby current
—
—
.01
—
1
5
µA
µA
Industrial
Automotive
SDA = SCL = V
CC
WP = V
SS
Note 1: This parameter is periodically sampled and not 100% tested.
2: Typical measurements taken at room temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com