Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3383-XX-AB3-R Datasheet(PDF) 12 Page - Unisonic Technologies

Part # L3383-XX-AB3-R
Description  PFM CONTROLLED, STEP-UP DC/DC CONVERTERS (VARIABLE DUTY RATIO)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L3383-XX-AB3-R Datasheet(HTML) 12 Page - Unisonic Technologies

Back Button L3383-XX-AB3-R Datasheet HTML 6Page - Unisonic Technologies L3383-XX-AB3-R Datasheet HTML 7Page - Unisonic Technologies L3383-XX-AB3-R Datasheet HTML 8Page - Unisonic Technologies L3383-XX-AB3-R Datasheet HTML 9Page - Unisonic Technologies L3383-XX-AB3-R Datasheet HTML 10Page - Unisonic Technologies L3383-XX-AB3-R Datasheet HTML 11Page - Unisonic Technologies L3383-XX-AB3-R Datasheet HTML 12Page - Unisonic Technologies L3383-XX-AB3-R Datasheet HTML 13Page - Unisonic Technologies L3383-XX-AB3-R Datasheet HTML 14Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
L3383
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
12 of 14
www.unisonic.com.tw
QW-R502-032,E
TYPICAL CHARACTERISTICS (BUILT-IN SWITCHING TRANSISTOR)
(1) OUTPUT VOLTAGE vs. OUTPUT CURREN
20
60
3.0
L3383-3.0V
80
40
100
3.5
2.5
2.0
0
1.5
1.0
Output Current, IOUT (mA)
L=100µ H,C=47µ F(Tantalum)
0.0
0.5
1.8V
1.5V
1.2V
VIN=0.9V
2.0V
20
60
5
L3383-5.0V
80
40
100
6
4
3
0
2
L=100µ H,C=47µ F (Tantalum)
0
1
3.0V
1.5V
1.2V
VIN=0.9V
2.0V
Output Current, IOUT (mA)
(2) EFFICIENCY vs. OUTPUT CURRENT
20
60
80
L3383-5.0V
80
40
100
100
60
40
0
20
L=100µH,C=47µF (Tantalum)
0
0.9V
1.2V
VIN=3.0V
1.5V
2.0V
20
60
80
L3383-3.0V
80
40
100
100
60
40
0
20
Output Current, IOUT(mA)
0
0.9V
1.8V
1.2V
VIN=2.0V
1.5V
L=100µH, C=47µF (Tantalum)
Output Current, IOUT(mA)
(3) RIPPLE VOLTAGE vs. OUTPUT CURRENT
20
60
80
L3383-3.0V
80
40
100
100
60
40
0
20
Output Current, IOUT(mA)
L=100µH,C=47µF (Tantalum)
0
0.9V
1.2V
VIN=1.5V
20
60
100
L3383-5.0V
80
40
100
120
80
60
0
40
L=100µH,C=47µF(Tantalum)
0
VIN=3.0V
1.5V
2.0V
20
Output Current, IOUT(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com