Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCT240 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCT240
Description  SNx4HCT240 Octal Buffers and Line Drivers With 3-State Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCT240 Datasheet(HTML) 4 Page - Texas Instruments

  SN74HCT240 Datasheet HTML 1Page - Texas Instruments SN74HCT240 Datasheet HTML 2Page - Texas Instruments SN74HCT240 Datasheet HTML 3Page - Texas Instruments SN74HCT240 Datasheet HTML 4Page - Texas Instruments SN74HCT240 Datasheet HTML 5Page - Texas Instruments SN74HCT240 Datasheet HTML 6Page - Texas Instruments SN74HCT240 Datasheet HTML 7Page - Texas Instruments SN74HCT240 Datasheet HTML 8Page - Texas Instruments SN74HCT240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4 Specifications
4.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
7
V
IIK
Input clamp current(2)
VI < 0 or VI > VCC
±20
mA
IOK
Output clamp current(2)
VO < 0 or VO > VCC
±20
mA
IO
Continuous output current
VO = 0 to VCC
±35
mA
Continuous current through VCC or GND
±70
mA
TJ
Junction temperature
150
℃
Tstg
Storage temperature range
–65
150
℃
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
4.2 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)(1)
SN54HCT240
SN74HCT240
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
VCC = 4.5 V to 5.5 V
2
2
V
VIL
Low-level input voltage
VCC = 4.5 V to 5.5 V
0.8
0.8
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
Δt/Δv
Input transition rise/fall time
500
500
ns
TA
Operating free-air temperature
−55
125
−40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4.3 Thermal Information
THERMAL METRIC
DGS
(VSSOP)
DW (SOIC)
N (PDIP)
NS (SOP)
PW
(TSSOP)
UNIT
20 PINS
20 PINS
20 PINS
20 PINS
20 PINS
RθJA
Junction-to-ambient thermal
resistance(1)
130.6
109.1
84.6
113.4
131.8
°C/W
RθJC(top)
Junction-to-case (top) thermal
resistance
68.7
76
72.5
78.6
72.2
°C/W
RθJB
Junction-to-board thermal resistance
85.4
77.6
65.3
78.4
82.8
°C/W
ψJT
Junction-to-top characterization
parameter
10.5
51.5
55.3
47.1
21.5
°C/W
ψJB
Junction-to-board characterization
parameter
85.0
77.1
65.2
78.1
82.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal
resistance
N/A
N/A
N/A
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC package thermal metrics application
report.
SN54HCT240, SN74HCT240
SCLS174H – MARCH 1984 – REVISED AUGUST 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN54HCT240 SN74HCT240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com