Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMP112
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP112 Datasheet HTML 8Page - Texas Instruments TMP112 Datasheet HTML 9Page - Texas Instruments TMP112 Datasheet HTML 10Page - Texas Instruments TMP112 Datasheet HTML 11Page - Texas Instruments TMP112 Datasheet HTML 12Page - Texas Instruments TMP112 Datasheet HTML 13Page - Texas Instruments TMP112 Datasheet HTML 14Page - Texas Instruments TMP112 Datasheet HTML 15Page - Texas Instruments TMP112 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
6.9 Typical Characteristics (TMP112Dx) (continued)
at TA = 25°C and V+ = 3.3 V (unless otherwise noted)
Te mperature Error (mC)
-250 -200 -150 -100 -50
0
50
100 150 200 250
0
10
20
30
40
50
60
70
Figure 6-19. Temperature Error at 25 °C
Te mperature (C)
-40
-20
0
20
40
60
80
100
120
-3
-2
-1
0
1
2
3
V+ = 1.4V
V+ = 1.8V
V+ = 2.5V
V+ = 3.3V
V+ = 3.6V
Figure 6-20. Sampling Time vs Temperature
IOUT (mA)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
V+ = 1.4V
V+ = 1.8V
V+ = 2.5V
V+ = 3.3V
V+ = 3.6V
Figure 6-21. ALERT Pin Output Voltage vs Pin Sink Current
Noise (LSB)
-2
-1
0
1
2
3
0
20
40
60
80
100
TA = -40C
TA = 25C
TA = 125C
Figure 6-22. Noise Histogram (Oil bath measurement)
VIN / V+ (%)
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
140
V+ = 1.4V
V+ = 1.8V
V+ = 2.5V
V+ = 3.3V
V+ = 3.6V
Figure 6-23. Supply Current vs Input Cell Input Voltage
TMP112, TMP112D
SBOS473L – MARCH 2009 – REVISED JULY 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP112 TMP112D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com