Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM-10-A Datasheet(PDF) 1 Page - CUI Devices

Part # SIM-10-A
Description  SIM CARD CONNECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

SIM-10-A Datasheet(HTML) 1 Page - CUI Devices

  SIM-10-A Datasheet HTML 1Page - CUI Devices SIM-10-A Datasheet HTML 2Page - CUI Devices SIM-10-A Datasheet HTML 3Page - CUI Devices SIM-10-A Datasheet HTML 4Page - CUI Devices SIM-10-A Datasheet HTML 5Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
date 10/24/2023
page 1 of 5
MODEL: SIM-10-A | DESCRIPTION: SIM CARD CONNECTOR
cuidevices.com
FEATURES
• SIM card connector
• push in, auto eject out
• card detect switch
• gold flash
• surface mount
• UL94V-0
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
30
V
rated current
0.5
A
contact resistance1
100
mΩ
insulation resistance
at 500 Vdc, between adjacent circuits
1,000
MΩ
voltage withstand
for 1 minute, between adjacent circuits
100
Vac
insertion force
at a rate of 25 mm/min
10
N
withdrawal force
at a rate of 25 mm/min
0.5
N
life
5,000
cycles
operating temperature
-40
85
°C
flammability rating
UL94V-0
RoHS
yes
Note:
1. When measured at 20 mV / 100 mA.
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
reel storage
at relative humidity 40~70%
reel opened: use within 1 month
reel unopened: up to 15 month shelf life
16
22
28
°C
reflow soldering
see reflow profile
250
°C
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - SIM-10-A

ManufacturerPart #DatasheetDescription
logo
CUI Devices
SIM-1-A CUID-SIM-1-A Datasheet
615Kb / 5P
SIM CARD CONNECTOR
10/23/2023
logo
List of Unclassifed Man...
SIM-1.0-250D/N ETC2-SIM-1.0-250D/N Datasheet
232Kb / 8P
Crimping tools and machines
logo
CUI Devices
SIM-12-B CUID-SIM-12-B Datasheet
529Kb / 5P
SIM CARD CONNECTOR
10/24/2023
logo
AUK corp
SIM-128CAH AUK-SIM-128CAH Datasheet
592Kb / 14P
LED DOT MATRIX MODULE
SIM-128CAN AUK-SIM-128CAN Datasheet
616Kb / 14P
LED DOT MATRIX MODULE
More results

Similar Description - SIM-10-A

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
254042MA006G111ZL SUYIN-USA-254042MA006G111ZL Datasheet
134Kb / 1P
SIM CARD CONNECTOR
254042MA006G116ZL SUYIN-USA-254042MA006G116ZL Datasheet
170Kb / 1P
SIM CARD CONNECTOR
logo
Adam Technologies, Inc.
SCC-B-06-SMT-27-TR ADAM-TECH-SCC-B-06-SMT-27-TR Datasheet
95Kb / 1P
SIM CARD CONNECTOR
SCC-F-06-SG-SMT ADAM-TECH-SCC-F-06-SG-SMT Datasheet
90Kb / 1P
SIM CARD CONNECTOR
SCC-H1-08-SG-SMT ADAM-TECH-SCC-H1-08-SG-SMT Datasheet
97Kb / 1P
SIM CARD CONNECTOR
SCC-H-08-SG-SMT ADAM-TECH-SCC-H-08-SG-SMT Datasheet
92Kb / 1P
SIM CARD CONNECTOR
SCC-J-08-SMT ADAM-TECH-SCC-J-08-SMT Datasheet
101Kb / 1P
SIM CARD CONNECTOR
SCCP-08-SG-SMT ADAM-TECH-SCCP-08-SG-SMT Datasheet
109Kb / 1P
SIM CARD CONNECTOR
SCCP-10-SG-SMT ADAM-TECH-SCCP-10-SG-SMT Datasheet
99Kb / 1P
SIM CARD CONNECTOR
SCCP-10-SG-SMT-TR ADAM-TECH-SCCP-10-SG-SMT-TR Datasheet
99Kb / 1P
SIM CARD CONNECTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com