Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM-4-A Datasheet(PDF) 3 Page - CUI Devices

Part # SIM-4-A
Description  SIM CARD CONNECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

SIM-4-A Datasheet(HTML) 3 Page - CUI Devices

  SIM-4-A Datasheet HTML 1Page - CUI Devices SIM-4-A Datasheet HTML 2Page - CUI Devices SIM-4-A Datasheet HTML 3Page - CUI Devices SIM-4-A Datasheet HTML 4Page - CUI Devices SIM-4-A Datasheet HTML 5Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CUI DEVICES | MODEL: SIM-4-A | DESCRIPTION: SIM CARD CONNECTOR
date 10/24/2023 | page 3 of 5
cuidevices.com
MECHANICAL DRAWING (CONTINUED)
units: mm
PCB tolerance: ±0.05 mm
Recommended PCB Layout
Top View
CARD STATUS
WITHOUT CARD
CARD INSERTED
CD1
GND
CD1
GND
PIN CONNECTIONS
PIN
SIGNAL
NAME
DESCRIPTION
C1
VCC
SUPPLY VOLTAGE
C2
RST
RESETTING
C3
CLK
CLOCK
C5
GND
GROUND
C6
VPP
PROGRAMMING VOLTAGE
C7
I/O
DATA LINE
CD1
-
CARD DETECT SWITCH
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com