Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC256 Datasheet(PDF) 19 Page - Microchip Technology

Part # 24LC256
Description  256K I2C CMOS Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256 Datasheet(HTML) 19 Page - Microchip Technology

Back Button 24LC256 Datasheet HTML 15Page - Microchip Technology 24LC256 Datasheet HTML 16Page - Microchip Technology 24LC256 Datasheet HTML 17Page - Microchip Technology 24LC256 Datasheet HTML 18Page - Microchip Technology 24LC256 Datasheet HTML 19Page - Microchip Technology 24LC256 Datasheet HTML 20Page - Microchip Technology 24LC256 Datasheet HTML 21Page - Microchip Technology 24LC256 Datasheet HTML 22Page - Microchip Technology 24LC256 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
© 2005 Microchip Technology Inc.
DS21203N-page 19
24AA256/24LC256/24FC256
8-Lead Plastic Dual Flat No Lead Package (MF) 6x5 mm Body (DFN-S)
NOM
.050 BSC
INCHES
.194 BSC
.184 BSC
.226 BSC
.236 BSC
.008 REF.
D
Overall Width
JEDEC equivalent: pending
Notes:
Drawing No. C04-113
Molded Package Width
Lead Width
*Controlling Parameter
Mold Draft Angle Top
Tie Bar Width
Lead Length
R
α
B
L
D1
.014
.020
Dimension Limits
Molded Package Thickness
Pitch
Overall Height
Overall Length
Molded Package Length
Base Thickness
Standoff
Number of Pins
A3
E1
E
A2
A1
A
.000
Units
n
p
MIN
TOP VIEW
12
A2
A
5.99 BSC
.019
12
.030
.014
.016
.024
0.35
0.50
.356
0.40
0.60
5.74 BSC
12
0.47
0.75
MILLIMETERS*
.039
.002
.031
.026
.0004
.033
0.00
8
MAX
MIN
1.27 BSC
0.20 REF.
4.92 BSC
4.67 BSC
0.85
0.01
0.65
0.80
0.05
1.00
MAX
NOM
8
BOTTOM VIEW
n
E
E1
PIN 1
p
B
Exposed Pad Length
E2
Exposed Pad Width
D2
.085
.091
.097
2.16
2.31
2.46
.152
.158
.163
3.85
4.00
4.15
EXPOSED
METAL
PADS
D2
E2
A1
A3
α
L
ID
D1
D
R
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010” (0.254mm) per side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com