Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LCS61 Datasheet(PDF) 13 Page - Microchip Technology

Part # 24LCS61
Description  1K/2K Software Addressable I2C??Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS61 Datasheet(HTML) 13 Page - Microchip Technology

Back Button 24LCS61 Datasheet HTML 9Page - Microchip Technology 24LCS61 Datasheet HTML 10Page - Microchip Technology 24LCS61 Datasheet HTML 11Page - Microchip Technology 24LCS61 Datasheet HTML 12Page - Microchip Technology 24LCS61 Datasheet HTML 13Page - Microchip Technology 24LCS61 Datasheet HTML 14Page - Microchip Technology 24LCS61 Datasheet HTML 15Page - Microchip Technology 24LCS61 Datasheet HTML 16Page - Microchip Technology 24LCS61 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
 2004 Microchip Technology Inc.
DS21226E-page 13
24LCS61/24LCS62
8.0
READ OPERATIONS
Read operations are initiated in a similar way as the
write operations. There are three basic types of read
operations: current address read, random read, and
sequential read.
8.1
Current Address Read
The 24LCS61/62 contains an address counter that
maintains the address of the last word accessed,
internally incremented by one. Therefore, if the
previous read access was to address n, the next
current address read operation would access data from
address n + 1. Upon receipt of the correct control byte
and ID byte, the 24LCS61/62 issues an acknowledge
and transmits the eight bit data word. The master will
not acknowledge the transfer but does generate a Stop
condition
and
the
24LCS61/62
discontinues
transmission (Figure 8-1).
8.2
Random Read
Random read operations allow the master to access
any memory location in a random manner. To perform
this type of read operation, first the word address must
be set. This is done by sending the word address to the
24LCS61/62 as part of a write operation.
After the ID byte and word address are sent, the master
generates a Start condition following the acknowledge.
This terminates the write operation, but not before the
internal address pointer is set. Then the master sends
the control byte and ID byte for a Read command. The
24LCS61/62 will then issue an acknowledge and
transmits the eight bit data word. The master will not
acknowledge the transfer but does generate a Stop
condition
and
the
24LCS61/62
discontinues
transmission (Figure 8-2).
8.3
Sequential Read
Sequential reads are initiated in the same way as a
random read except that after the 24LCS61/62 trans-
mits the first data byte, the master issues an acknowl-
edge as opposed to a Stop condition in a random
read. This directs the 24LCS61/62 to transmit the next
sequentially addressed 8-bit word (Figure 8-3).
To provide sequential reads the 24LCS61/62 contains
an internal address pointer which is incremented by
one at the completion of each operation. This address
pointer allows the entire memory contents to be serially
read during one operation. The internal address pointer
will
automatically
roll
over
from
address
7Fh
(24LCS51) or FFh (24LCS62) to address 00h.
FIGURE 8-1:
CURRENT ADDRESS READ
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
P
S
S
T
O
P
CONTROL
BYTE
S
T
A
R
T
DATA
A
C
K
A
C
K
DEVICE
ID BYTE
N
O
A
C
K
1
0
10 O 00 1
E
OE Bit = EDS Pin Output Enable; see Section 9.0 “External Device Select (EDS) Pin and Output Enable (OE) Bit”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com