Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7560N Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS7560N
Description  BRUSHLESS DC MOTOR CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7560N Datasheet(HTML) 2 Page - LSI Computer Systems

  LS7560N Datasheet HTML 1Page - LSI Computer Systems LS7560N Datasheet HTML 2Page - LSI Computer Systems LS7560N Datasheet HTML 3Page - LSI Computer Systems LS7560N Datasheet HTML 4Page - LSI Computer Systems LS7560N Datasheet HTML 5Page - LSI Computer Systems LS7560N Datasheet HTML 6Page - LSI Computer Systems LS7560N Datasheet HTML 7Page - LSI Computer Systems LS7560N Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ERROR AMPLIFIER Inputs (Pins 6, 7) Output (Pin 8)
For closed loop control, the Tachometer Output is applied through
a resistor to the negative input of the Error Amplifier on Pin 7. A
speed control potentiometer is connected to the positive input of
the Error Amplifier on Pin 6. A parallel RC Network is connected
between the Output of the Error Amplifier on Pin 8 and Pin 7. The
Amplifier, configured this way, enables the variable pulse width to
be converted to a DC voltage which is used to control the motor
speed. The potentiometer is used to set the desired motor speed.
For open loop control, configure the Error Amplifier as a voltage
follower by connecting Pin 7 directly to Pin 8 and do not connect
the Tachometer Output signal to the Error Amplifier.
TOP DRIVER POLARITY SELECT Input (Pin 20)
A High on this input selects a High Polarity to enable the Top Out-
put Motor Drivers and a Low selects a Low Polarity to enable the
Top Output Motor Drivers.
OUTPUT DRIVERS (Pins 12, 13, 14, 15, 16, 17)
Each Driver Output provides a CMOS compatible signal for driv-
ing Buffers/Power Transistors. The Outputs are capable of sink-
ing/sourcing 25mA with a 1.5V drop across the IC, at VDD = 12V.
FAULT INDICATOR Output (Pin 3)
Open drain output to provide sinking current for driving an ex-
ternal device, such as a LED, through an emitter follower (see
Figure 3) to indicate a malfunction condition. The output occurs
under any of the following conditions:
1) Overcurrent Sense condition
2) Enable Input below VR / 2.2
3) Invalid Sensor code
4) Chip power supply less than 9V
5) VR Output less than 4.1V
VR Output (Pin 19)
6V Reference Voltage Output that can supply 20mA of current at
VDD = 12V for powering input Sensors.
VDD (Pin 28) Supply Voltage positive terminal.
OSCILLATOR (Pin 9)
An external RC network is connected to this input to set the fre-
quency of the Sawtooth Schmitt Trigger Oscillator. The Sawtooth
is applied to the PWM Comparator along with the output of the Er-
ror Amplifier. The output of the PWM Comparator is a Pulse
Width Modulated Signal which is used to vary the effective drive
to the motor and, hence, the motor speed.
OVERCURRENT SENSE (Pins 10, 11)
The input to Pin 10 comes from the high side of a fractional ohm
current sensing resistor. The voltage at this input is compared to
an internal 100mV Reference. When the voltage exceeds the
100mV Reference, an Overcurrent Condition exists and the Out-
put Drivers are switched Off until the end of the sawtooth os-
cillator ramp-up. When the sawtooth switches low, the Over-
current Condition is sampled, and if it no longer exists, the Output
Drivers are switched On again. Otherwise, the Output Drivers re-
main Off until the end of the next sawtooth. The input to Pin 11
comes from the low side (Gnd) of the current sensing resistor and
connects to the low side of the internal 100mV Reference.
PWM CONTROL Input (Pin 21)
A High on this input causes only the Bottom Drivers to be Pulse
Width Modulated. A Low on this input causes both Top and Bot-
tom Drivers to have PWM.
TACHOMETER Output (Pin 5)
The output of the Frequency To Pulse Width Converter is tied to
this pin. The Converter uses the three Sensor Inputs and external
RC Network to generate a variable frequency output with a fixed
positive pulse width.
RC Input (Pin 4)
The external RC network connected to this input programs the
positive pulse width of the Frequency to Pulse Width Converter.
VSS (Pin 18) Supply Voltage negative terminal.
7560N-030906-2
MAXIMUM RATINGS (Voltages referenced to Vss)
SYMBOL
VALUE
UNIT
Power Supply Voltage
VDD
20
V
Voltage at any input
VIN
VsS - 0.5 to VR
V
Operating Temperature
TA
-25 to +85
°C
Storage Temperature
TSTG
-65 to +150
°C
Output Drive Sink/Source Current
Io
75
mA
VR Output Source Current
IR
30
mA
ELECTRICAL CHARACTERISTICS
VDD = 12V, RT = 47k
Ω, CT = 0.001µF, RS = 10kΩ, CS= 0.01µF, RF = 5.6kΩ (See Figure 3) TA = 25°C, unless otherwise specified
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Reference Voltage
VR
5.7
6.0
6.35
V
Line Regulation
∆VR
-
100
200
mV
VDD = 10V to 18V, IREF = 1.0mA
Temperature Stability
TA = 0°C to 70°C
∆VR
-
+/- 1.0
-
%
TA = 0°C to 85°C
∆VR
-
+/- 1.3
-
%
Error Amplifier:
Input Offset Voltage
VIO
-
5
15
mV
Input Current
IIN
-
0
10
nA
Input Common Mode Voltage Range
VICR
(0 to VR)
V
Open Loop Voltage Gain (RL = 15k
Ω)
AVOL
70
80
-
dB
Common Mode Rejection Ratio
CMRR
60
-
-
dB
Power Supply Rejection Ratio
PSRR
60
-
-
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com