Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1585CD2M50R Datasheet(PDF) 15 Page - STMicroelectronics

Part # LD1585CD2M50R
Description  5A Low dropout fast response positive voltage regulator adjustable and fixed
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1585CD2M50R Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LD1585CD2M50R Datasheet HTML 11Page - STMicroelectronics LD1585CD2M50R Datasheet HTML 12Page - STMicroelectronics LD1585CD2M50R Datasheet HTML 13Page - STMicroelectronics LD1585CD2M50R Datasheet HTML 14Page - STMicroelectronics LD1585CD2M50R Datasheet HTML 15Page - STMicroelectronics LD1585CD2M50R Datasheet HTML 16Page - STMicroelectronics LD1585CD2M50R Datasheet HTML 17Page - STMicroelectronics LD1585CD2M50R Datasheet HTML 18Page - STMicroelectronics LD1585CD2M50R Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
LD1585C series
Electrical characteristics
15/25
Table 11.
Electrical characteristics of LD1585C# (VI=4.25V, CI = CO =10µF, TJ = 0 to 125°C, unless
otherwise specified.)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO = 10mA, VI - VO = 3V, TJ = 25°C
1.237
1.25
1.263
V
IO = 10mA to 5A, VI - VO =1.5 to 25V
(1)
1.225
1.25
1.275
V
ΔVO
Line Regulation
IO = 10mA, VI = 2.75 to 15V TJ = 25°C
0.015
0.2
%
IO = 10mA, VI = 2.75 to 15V
0.1
0.2
%
ΔVO
Load Regulation
IO = 10mA to 5A, TJ = 25°C
0.1
0.3
%
IO = 0 to 5A
0.25
0.5
%
Vd
Dropout Voltage
IO = 5A
1.2
1.4
V
IO(min)
Minimum Load Current
VI = 25V
3
10
mA
Isc
Short Circuit Current
VI - VO = 5.5V
5.5
7
A
Thermal Regulation
TJ = 25°C, 30ms pulse
0.004
0.02
%/W
SVR
Supply Voltage Rejection
f = 120 Hz, CO = 25µF, CADJ = 25µF,
IO = 5A, VI - VO = 3 ± 1V
60
75
dB
IADJ
Adjust Pin Current
IO = 10 mA
50
100
µA
ΔIADJ Adjust Pin Current Change IO = 10mA to 5A, VI = 3 to 25V (1)
0.2
5
µA
eN
RMS Output Noise Voltage
(% of VO)
TJ = 25°C, f =10Hz to 10KHz
0.003
%
S
Temperature Stability
0.5
%
S
Long Term Stability
TJ = 125°C, 1000Hrs
0.5
%
1.
See short-circuit current curve for available output current at fixed dropout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com