Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC00-E/P Datasheet(PDF) 19 Page - Microchip Technology

Part # 24LC00-E/P
Description  1K/2K Software Addressable I2C??Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC00-E/P Datasheet(HTML) 19 Page - Microchip Technology

Back Button 24LC00-E/P Datasheet HTML 14Page - Microchip Technology 24LC00-E/P Datasheet HTML 15Page - Microchip Technology 24LC00-E/P Datasheet HTML 16Page - Microchip Technology 24LC00-E/P Datasheet HTML 17Page - Microchip Technology 24LC00-E/P Datasheet HTML 18Page - Microchip Technology 24LC00-E/P Datasheet HTML 19Page - Microchip Technology 24LC00-E/P Datasheet HTML 20Page - Microchip Technology 24LC00-E/P Datasheet HTML 21Page - Microchip Technology 24LC00-E/P Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
 2004 Microchip Technology Inc.
DS21226E-page 19
24LCS61/24LCS62
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
24AA00 128 bit 1.8V I2C Serial EEPROM
24AA00T 128 bit 1.8V K I2C Serial EEPROM (Tape and Reel)
24LC00 128 bit 2.5V I2C Serial EEPROM
24LC00T 128 bit 2.5V K I2C Serial EEPROM (Tape and Reel)
24C00
128 bit 5.0V I2C Serial EEPROM
24C00T 128 bit 5.0V K I2C Serial EEPROM (Tape and Reel)
Temperature Range
Blank
=
0
°C to +70°C
I= -40
°C to +85°C
E= -40
°C to +125°C
Package
P
=
Plastic DIP (300 mil Body), 8-lead
SN
=
Plastic SOIC (150 mil Body)
ST
=
TSSOP, 8-lead
OT
=
SOT-23, 5-lead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com