Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3002 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP3002
Description  2.7V Dual Channel 10-Bit A/D Converter with SPI??Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3002 Datasheet(HTML) 2 Page - Microchip Technology

  MCP3002 Datasheet HTML 1Page - Microchip Technology MCP3002 Datasheet HTML 2Page - Microchip Technology MCP3002 Datasheet HTML 3Page - Microchip Technology MCP3002 Datasheet HTML 4Page - Microchip Technology MCP3002 Datasheet HTML 5Page - Microchip Technology MCP3002 Datasheet HTML 6Page - Microchip Technology MCP3002 Datasheet HTML 7Page - Microchip Technology MCP3002 Datasheet HTML 8Page - Microchip Technology MCP3002 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
MCP3002
DS21294C-page 2
© 2007 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Maximum Ratings*
V
DD......................................................................... 7.0V
All inputs and outputs w.r.t. V
SS ...... -0.6V to VDD +0.6V
Storage temperature ..........................-65°C to +150°C
Ambient temp. with power applied .....-65°C to +125°C
ESD protection on all pins (HBM)........................ > 4kV
*Notice: Stresses above those listed under “Maximum Ratings” may
cause permanent damage to the device. This is a stress rating only and
functional operation of the device at those or any other conditions
above those indicated in the operational listings of this specification is
not implied. Exposure to maximum rating conditions for extended peri-
ods may affect device reliability.
PIN FUNCTION TABLE
Name
Function
V
DD/VREF
+2.7V to 5.5V Power Supply and
Reference Voltage Input
CH0
Channel 0 Analog Input
CH1
Channel 1 Analog Input
CLK
Serial Clock
DIN
Serial Data In
D
OUT
Serial Data Out
CS/SHDN
Chip Select/Shutdown Input
ELECTRICAL CHARACTERISTICS
All parameters apply at V
DD = 5V, TAMB = -40°C to +85 °C, fSAMPLE = 200 ksps and fCLK = 16*fSAMPLE unless otherwise noted.
Typical values apply for V
DD = 5V, TAMB = 25 °C unless otherwise noted.
PARAMETER
SYM
MIN
TYP
MAX
UNITS
CONDITIONS
Conversion Rate:
Conversion Time
t
CONV
—
—
10
clock
cycles
Analog Input Sample Time
t
SAMPLE
1.5
clock
cycles
Throughput Rate
f
SAMPLE
—
—
200
75
ksps
ksps
V
DD = 5V
V
DD = 2.7V
DC Accuracy:
Resolution
10
bits
Integral Nonlinearity
INL
—
±0.5
±1
LSB
Differential Nonlinearity
DNL
—
±0.25
±1
LSB
No missing codes over
temperature
Offset Error
—
—
±1.5
LSB
Gain Error
—
—
±1
LSB
Dynamic Performance:
Total Harmonic Distortion
THD
—
-76
—
dB
V
IN = 0.1V to 4.9V@1 kHz
Signal to Noise and Distortion
(SINAD)
SINAD
—
61
—
dB
V
IN = 0.1V to 4.9V@1 kHz
Spurious Free Dynamic Range
SFDR
—
78
—
dB
V
IN = 0.1V to 4.9V@1 kHz
Analog Inputs:
Input Voltage Range for CH0 or CH1
in Single-Ended Mode
V
SS
—VDD
V
Input Voltage Range for IN+ In
pseudo-differential Mode
IN+
IN-
—
VDD+IN-
Input Voltage Range for IN- In
pseudo-differential Mode
IN-
V
SS-100
—
V
SS+100
mV
Leakage Current
—
0.001
±1
µA
Switch Resistance
R
SS
—1K
—
Ω
See Figure 4-1
Sample Capacitor
C
SAMPLE
—
20
—
pF
See Figure 4-1
Note 1:
This parameter is established by characterization and not 100% tested.
2:
The sample cap will eventually lose charge, especially at elevated temperatures, therefore f
CLK ≥10 kHz for temperatures
at or above 70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com