Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2510-/P Datasheet(PDF) 62 Page - Microchip Technology

Part # MCP2510-/P
Description  Stand-Alone CAN Controller with SPI??Interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510-/P Datasheet(HTML) 62 Page - Microchip Technology

Back Button MCP2510-/P Datasheet HTML 58Page - Microchip Technology MCP2510-/P Datasheet HTML 59Page - Microchip Technology MCP2510-/P Datasheet HTML 60Page - Microchip Technology MCP2510-/P Datasheet HTML 61Page - Microchip Technology MCP2510-/P Datasheet HTML 62Page - Microchip Technology MCP2510-/P Datasheet HTML 63Page - Microchip Technology MCP2510-/P Datasheet HTML 64Page - Microchip Technology MCP2510-/P Datasheet HTML 65Page - Microchip Technology MCP2510-/P Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 80 page
background image
MCP2510
DS21291F-page 62
© 2007 Microchip Technology Inc.
TABLE 12-1:
DC CHARACTERISTICS
DC Characteristics
Industrial (I):
TAMB = -40°C to +85°C
VDD = 3.0V to 5.5V
Extended (E):
TAMB = -40°C to +125°C
VDD = 4.5V to 5.5V
Param.
No.
Sym
Characteristic
Min
Max
Units
Conditions
VDD
Supply Voltage
3.0
5.5
V
VRET
Register Retention Voltage
2.4
—
V
High Level Input Voltage
Note
VIH
RXCAN
2
VDD+1
V
SCK, CS, SI, TXnRTS Pins
.7 VDD
VDD+1
V
OSC1
.85 VDD
VDD
V
RESET
.85 VDD
VDD
V
Low Level Input Voltage
Note
VIL
RXCAN,TXnRTS Pins
-0.3
.15 VDD
V
SCK, CS, SI
-0.3
0.4
V
OSC1
VSS
.3 VDD
V
RESET
VSS
.15 VDD
V
Low Level Output Voltage
VOL
TXCAN
—
0.6
V
IOL = -6.0 mA, VDD = 4.5V
RXnBF Pins
—
0.6
V
IOL = -8.5 mA, VDD = 4.5V
SO, CLKOUT
—
0.6
V
IOL = -2.1 mA, VDD = 4.5V
INT
—0.6
V
IOL = -1.6 mA, VDD = 4.5V
High Level Output Voltage
V
VOH
TXCAN, RXnBF Pins
VDD -0.7
—
V
IOH = 3.0 mA, VDD = 4.5V, I temp
SO, CLKOUT
VDD -0.5
—
V
IOH = 400 µA, VDD = 4.5V
INT
VDD -0.7
—
V
IOH = 1.0 mA, VDD = 4.5V
Input Leakage Current
ILI
All I/O except OSC1 and
TXnRTS pins
-1
+1
µA
CS = RESET = VDD,
VIN = VSS to VDD
OSC1 Pin
-5
+5
µA
CINT
Internal Capacitance
(All Inputs And Outputs)
—7
pF
TAMB = 25°C, fC = 1.0 MHz,
VDD = 5.0V (Note)
IDD
Operating Current
—
10
mA
VDD = 5.5V, FOSC = 25 MHz,
FCLK = 1 MHz, SO = Open
IDDS
Standby Current (Sleep Mode)
—
5
µA
CS, TXnRTS = VDD, Inputs tied to
VDD or VSS
Note:
This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com