Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3004 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP3004
Description  2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3004 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP3004_07 Datasheet HTML 9Page - Microchip Technology MCP3004_07 Datasheet HTML 10Page - Microchip Technology MCP3004_07 Datasheet HTML 11Page - Microchip Technology MCP3004_07 Datasheet HTML 12Page - Microchip Technology MCP3004_07 Datasheet HTML 13Page - Microchip Technology MCP3004_07 Datasheet HTML 14Page - Microchip Technology MCP3004_07 Datasheet HTML 15Page - Microchip Technology MCP3004_07 Datasheet HTML 16Page - Microchip Technology MCP3004_07 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
© 2007 Microchip Technology Inc.
DS21295C-page 13
MCP3004/3008
3.0
PIN DESCRIPTIONS
TABLE 3-1:
PIN FUNCTION TABLE
3.1
DGND
Digital ground connection to internal digital circuitry.
3.2
AGND
Analog ground connection to internal analog circuitry.
3.3
CH0 - CH7
Analog inputs for channels 0 - 7, respectively, for the
multiplexed inputs. Each pair of channels can be pro-
grammed to be used as two independent channels in
single-ended mode or as a single pseudo-differential
input where one channel is IN+ and one channel is IN.
See Section 4.1, “Analog Inputs”, and Section 5.0,
“Serial
Communication”,
for
information
on
programming the channel configuration.
3.4
Serial Clock (CLK)
The SPI clock pin is used to initiate a conversion and
clock out each bit of the conversion as it takes place.
See Section 6.2, “Maintaining Minimum Clock Speed”,
for constraints on clock speed.
3.5
Serial Data Input (DIN)
The SPI port serial data input pin is used to load
channel configuration data into the device.
3.6
Serial Data Output (DOUT)
The SPI serial data output pin is used to shift out the
results of the A/D conversion. Data will always change
on the falling edge of each clock as the conversion
takes place.
3.7
Chip Select/Shutdown (CS/SHDN)
The CS/SHDN pin is used to initiate communication
with the device when pulled low. When pulled high, it
will end a conversion and put the device in low power
standby. The CS/SHDN pin must be pulled high
between conversions.
4.0
DEVICE OPERATION
The MCP3004/3008 A/D converters employ a conven-
tional SAR architecture. With this architecture, a sam-
ple is acquired on an internal sample/hold capacitor for
1.5 clock cycles starting on the first rising edge of the
serial clock once CS has been pulled low. Following
this sample time, the device uses the collected charge
on the internal sample and hold capacitor to produce a
serial 10-bit digital output code. Conversion rates of
100 ksps are possible on the MCP3004/3008. See
Section 6.2, “Maintaining Minimum Clock Speed”, for
information on minimum clock rates. Communication
with the device is accomplished using a 4-wire SPI-
compatible interface.
4.1
Analog Inputs
The MCP3004/3008 devices offer the choice of using
the analog input channels configured as single-ended
inputs or pseudo-differential pairs. The MCP3004 can
be configured to provide two pseudo-differential input
pairs or four single-ended inputs. The MCP3008 can be
configured to provide four pseudo-differential input
pairs or eight single-ended inputs. Configuration is
done as part of the serial command before each con-
version begins. When used in the pseudo-differential
mode, each channel pair (i.e., CH0 and CH1, CH2 and
CH3 etc.) are programmed as the IN+ and IN- inputs as
part of the command string transmitted to the device.
The IN+ input can range from IN- to (VREF + IN-). The
IN- input is limited to ±100 mV from the VSS rail. The IN-
input can be used to cancel small signal common-
mode noise, which is present on both the IN+ and IN-
inputs.
When operating in the pseudo-differential mode, if the
voltage level of IN+ is equal to or less than IN-, the
resultant code will be 000h. If the voltage at IN+ is
equal to or greater than {[VREF + (IN-)] - 1 LSB}, then
the output code will be 3FFh. If the voltage level at IN-
is more than 1 LSB below VSS, the voltage level at the
IN+ input will have to go below VSS to see the 000h
output code. Conversely, if IN- is more than 1 LSB
above VSS, the 3FFh code will not be seen unless the
IN+ input level goes above VREF level.
For the A/D converter to meet specification, the charge
holding capacitor (CSAMPLE) must be given enough
time to acquire a 10-bit accurate voltage level during
the 1.5 clock cycle sampling period. The analog input
model is shown in Figure 4-1.
This diagram illustrates that the source impedance (RS)
adds to the internal sampling switch (RSS) impedance,
directly affecting the time that is required to charge the
capacitor (CSAMPLE). Consequently, larger source
impedances increase the offset, gain and integral lin-
earity errors of the conversion (see Figure 4-2).
Name
Function
VDD
+2.7V to 5.5V Power Supply
DGND
Digital Ground
AGND
Analog Ground
CH0-CH7
Analog Inputs
CLK
Serial Clock
DIN
Serial Data In
DOUT
Serial Data Out
CS/SHDN
Chip Select/Shutdown Input
VREF
Reference Voltage Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com