Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25C040-E/P Datasheet(PDF) 19 Page - Microchip Technology

Part # 25C040-E/P
Description  4K SPI ??Bus Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25C040-E/P Datasheet(HTML) 19 Page - Microchip Technology

Back Button 25C040-E/P Datasheet HTML 14Page - Microchip Technology 25C040-E/P Datasheet HTML 15Page - Microchip Technology 25C040-E/P Datasheet HTML 16Page - Microchip Technology 25C040-E/P Datasheet HTML 17Page - Microchip Technology 25C040-E/P Datasheet HTML 18Page - Microchip Technology 25C040-E/P Datasheet HTML 19Page - Microchip Technology 25C040-E/P Datasheet HTML 20Page - Microchip Technology 25C040-E/P Datasheet HTML 21Page - Microchip Technology 25C040-E/P Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
© 2006 Microchip Technology Inc.
DS21204E-page 19
25AA040/25LC040/25C040
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
25AA040:
4096-bit 1.8V SPI Serial EEPROM
25AA040T: 4096-bit 1.8V SPI Serial EEPROM
(Tape and Reel)
25XX040X: 4096-bit 1.8V SPI Serial EEPROM
in alternate pinout (ST only)
25AA040XT:4096-bit 1.8V SPI Serial EEPROM
in alternate pinout Tape and Reel
(ST only)
25LC040:
4096-bit 2.5V SPI Serial EEPROM
25LC040T: 4096-bit 2.5V SPI Serial EEPROM
(Tape and Reel)
25LC040X: 4096-bit 2.5V SPI Serial EEPROM
in alternate pinout (ST only)
25LC040XT:4096-bit 2.5V SPI Serial EEPROM
in alternate pinout Tape and Reel
(ST only)
25C040:
4096-bit 5.0V SPI Serial EEPROM
25C040T:
4096-bit 5.0V SPI Serial EEPROM
(Tape and Reel)
25C040X:
4096-bit 5.0V SPI Serial EEPROM
in alternate pinout (ST only)
25C040XT: 4096-bit 5.0V SPI Serial EEPROM
in alternate pinout Tape and Reel
(ST only)
Temperature
Range:
I
=
-40
°C to+85 °C
E
=
-40
°C to +125 °C
Package:
P
=
Plastic DIP (300 mil body), 8-lead
SN
=
Plastic SOIC (150 mil body), 8-lead
ST
=
Plastic TSSOP (4.4 mm body), 8-lead
Examples:
a)
25AA040-I/P: Industrial Temp.,
PDIP package
b)
25AA040-I/SN: Industrial Temp.,
SOIC package
c)
25AA040T-I/SN: Tape and Reel,
Industrial Temp., SOIC package
d)
25AA040X-I/ST: Alternate Pinout,
Industrial Temp., TSSOP package
e)
25AA040XT-I/ST: Alternate Pinout, Tape
and Reel, Industrial Temp., TSSOP
package
f)
25LC040-I/P: Industrial Temp.,
PDIP package
g)
25LC040-I/SN: Industrial Temp.,
SOIC package
h)
25LC040T-I/SN: Tape and Reel,
Industrial Temp., SOIC package
i)
25LC040X-I/ST: Alternate Pinout,
Industrial Temp., TSSOP package
j)
25LC040XT-I/ST: Alternate Pinout, Tape
and Reel, Industrial Temp., TSSOP
package
k)
25C040-I/P: Industrial Temp.,
PDIP package
l)
25C040-I/SN: Industrial Temp.,
SOIC package
m)
25C040T-I/SN: Tape and Reel,
Industrial Temp., SOIC package
n)
25C040X-I/ST: Alternate Pinout,
Industrial Temp., TSSOP package
o)
25C040XT-I/ST: Alternate Pinout, Tape
and Reel, Industrial Temp., TSSOP
package
p)
25C040-E/P: Extended Temp.,
PDIP package
q)
25C040-E/SN: Extended Temp.,
SOIC package
r)
25C040T-E/SN: Tape and Reel,
Extended Temp., SOIC package
s)
25C040X-E/ST: Alternate Pinout,
Extended Temp., TSSOP package
t)
25C040XT-E/ST: Alternate Pinout, Tape
and Reel, Extended Temp., TSSOP pack-
age
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com