Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1014 Datasheet(PDF) 13 Page - Microchip Technology

Part # TC1014
Description  50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1014 Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC1014_07 Datasheet HTML 9Page - Microchip Technology TC1014_07 Datasheet HTML 10Page - Microchip Technology TC1014_07 Datasheet HTML 11Page - Microchip Technology TC1014_07 Datasheet HTML 12Page - Microchip Technology TC1014_07 Datasheet HTML 13Page - Microchip Technology TC1014_07 Datasheet HTML 14Page - Microchip Technology TC1014_07 Datasheet HTML 15Page - Microchip Technology TC1014_07 Datasheet HTML 16Page - Microchip Technology TC1014_07 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
© 2007 Microchip Technology Inc.
DS21335E-page 13
TC1014/TC1015/TC1185
5.0
THERMAL CONSIDERATIONS
5.1
Thermal Shutdown
Integrated thermal protection circuitry shuts the
regulator off when die temperature exceeds 160°C.
The regulator remains off until the die temperature
drops to approximately 150°C.
5.2
Power Dissipation
The amount of power the regulator dissipates is
primarily a function of input and output voltage, and
output current. The following equation is used to
calculate worst-case actual power dissipation:
EQUATION 5-1:
The
maximum
allowable
power
dissipation
(Equation 5-2) is a function of the maximum ambient
temperature (TAMAX), the maximum allowable die
temperature (TJMAX) and the thermal resistance from
junction-to-air (
θJA). The 5-pin SOT-23 package has a
θJA of approximately 220°C/Watt.
EQUATION 5-2:
Equation 5-1 can be used in conjunction with
Equation 5-2 to ensure regulator thermal operation is
within limits. For example:
Given:
Find:
1.
Actual power dissipation
2.
Maximum allowable dissipation
Actual power dissipation:
PD ≈ (VINMAX – VOUTMIN)ILOADMAX
= [(3.0 x 1.1) – (2.7 x .975)]40 x 10–3
= 26.7 mW
Maximum allowable power dissipation:
In this example, the TC1014 dissipates a maximum of
26.7 mW below the allowable limit of 318 mW. In a
similar manner, Equation 5-1 and Equation 5-2 can be
used to calculate maximum current and/or input
voltage limits.
5.3
Layout Considerations
The primary path of heat conduction out of the package
is via the package leads. Therefore, layouts having a
ground plane, wide traces at the pads, and wide power
supply bus lines combine to lower
θJA and therefore
increase the maximum allowable power dissipation
limit.
PD
VINMAX VOUTMIN
–
()I
LOADMAX
≈
Where:
PD = Worst-case actual power
dissipation
VINMAX = Maximum voltage on VIN
VOUTMIN = Minimum regulator output voltage
ILOADMAX = Maximum output (load) current
Where all terms are previously defined.
PDMAX
TJMAX TAMAX
–
()
θ
JA
--------------------------------------------
=
VINMAX =3.0V +10%
VOUTMIN = 2.7V – 2.5%
ILOADMAX =40 mA
TJMAX =125°C
TAMAX =55°C
PDMAX
TJMAX TAMAX
–
()
θ
JA
--------------------------------------------
=
125 55
–
()
220
-------------------------
=
318 mW
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com