Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C00-/P Datasheet(PDF) 10 Page - Microchip Technology

Part # 24C00-/P
Description  1K/2K Software Addressable I2C??Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C00-/P Datasheet(HTML) 10 Page - Microchip Technology

Back Button 24C00-/P Datasheet HTML 6Page - Microchip Technology 24C00-/P Datasheet HTML 7Page - Microchip Technology 24C00-/P Datasheet HTML 8Page - Microchip Technology 24C00-/P Datasheet HTML 9Page - Microchip Technology 24C00-/P Datasheet HTML 10Page - Microchip Technology 24C00-/P Datasheet HTML 11Page - Microchip Technology 24C00-/P Datasheet HTML 12Page - Microchip Technology 24C00-/P Datasheet HTML 13Page - Microchip Technology 24C00-/P Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
24LCS61/24LCS62
DS21226E-page 10
 2004 Microchip Technology Inc.
6.0
WRITE OPERATIONS
6.1
Byte Write
Following the Start signal from the master, the control
byte for a Write command is sent by the master
transmitter. The device will acknowledge this control
byte during the ninth clock pulse. The next byte
transmitted by the master is the ID byte for the device.
After receiving another Acknowledge signal from the
24LCS61/62, the master device will transmit the
address and then the data word to be written into the
addressed
memory
location.
The
24LCS61/62
acknowledges between each byte, and the master then
generates a Stop condition. This initiates the internal
write cycle, and during this time the 24LCS61/62 will
not generate Acknowledge signals (Figure 6-1).
6.2
Page Write
The control byte, ID byte, word address, and the first
data byte are transmitted to the 24LCS61/62 in the
same way as in a byte write. But, instead of generating
a Stop condition, the master transmits up to 15
additional data bytes to the 24LCS61/62, which are
temporarily stored in the on-chip page buffer and will be
written into the memory after the master has transmit-
ted a Stop condition. If the master should transmit more
than 16 bytes prior to generating the Stop condition, the
address counter will roll over and the previously
received data will be overwritten. As with the byte write
operation, once the Stop condition is received an
internal write cycle will begin (Figure 6-2) and the
24LCS61/62 will not generate acknowledge.
6.3
Low Voltage Write Protection
The 24LCS61/62 employs a VCC threshold detector
circuit which disables the internal erase/write logic, if
the VCC is below 1.5 volts at nominal conditions.
6.4
Set Write Protection Command
The Set Write Protection command allows the user to
write-protect a portion of the array. For the 24LCS51
this command will write-protect the entire array. For the
24LCS62 this command will protect the lower half of
the array. This command is illustrated in Figure 6-3.
This is a one time only command and cannot be
reversed once the protection fuse has been set.
Once the write-protect feature has been set, the device
will no longer acknowledge the control byte (or any of
the other bytes) of this command. The Stop bit of this
command initiates an internal write cycle, and during
this
time
the
24LCS61/62
will
not
generate
Acknowledge signals.
FIGURE 6-1:
BYTE WRITE
Note:
Page write operations are limited to writing
bytes within a single physical page,
regardless of the number of bytes actually
being written. Physical page boundaries
start
at
addresses
that
are
integer
multiples of the page buffer size (or ‘page
size’) and end at addresses that are
integer multiples of [page size - 1]. If a
Page Write command attempts to write
across a physical page boundary, the
result is that the data wraps around to the
beginning of the current page (overwriting
data previously stored there), instead of
being written to the next page as might be
expected. It is therefore necessary for the
application software to prevent page write
operations that would attempt to cross a
page boundary.
S
T
A
R
T
S
T
O
P
DEVICE
ID BYTE
DATA
CONTROL
BYTE
A
C
K
A
C
K
A
C
K
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
A
C
K
ADDRESS
BYTE
1
01 0 O 01 0
S
E
OE Bit = EDS Pin Output Enable; see Section 9.0 “External Device Select (EDS) Pin and Output Enable (OE) Bit”
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com