Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1029EPA Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1029EPA
Description  Linear Building Block - Dual Low Power Op Amp
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1029EPA Datasheet(HTML) 5 Page - Microchip Technology

  TC1029EPA Datasheet HTML 1Page - Microchip Technology TC1029EPA Datasheet HTML 2Page - Microchip Technology TC1029EPA Datasheet HTML 3Page - Microchip Technology TC1029EPA Datasheet HTML 4Page - Microchip Technology TC1029EPA Datasheet HTML 5Page - Microchip Technology TC1029EPA Datasheet HTML 6Page - Microchip Technology TC1029EPA Datasheet HTML 7Page - Microchip Technology TC1029EPA Datasheet HTML 8Page - Microchip Technology TC1029EPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2002 Microchip Technology Inc.
DS21340B-page 5
TC1029
FIGURE 4-1:
MULTI-POLE BUTTERWORTH VOICE BAND RECEIVE FILTER
FIGURE 4-2:
SECOND ORDER SAT BANDPASS FILTER
+
–
+
–
VOUT
VIN
21.0k
21.0k
21.0k
2400pF
470pF
750pF
VDD
VDD /2
6800pF
0.1
µF
22.6k
22.6k
Gain = 0dB
Fch = 3.5kHz
-24dB/Octave
Fcl = 70Hz
+6dB/Octave
Passband Ripple
< 0.15dB
Op Amp
TC1029
Op Amp
+
–
11.2
24.3k
48.7k
.036
µF
.036
µF
VIN
VDD
VOUT
Gain = 0dB
Q = FC
BW (3dB)
Q = 30
FC = 6kHz
TC1029
1/2
VDD/2
VDD/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com