Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1070 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1070
Description  50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1070 Datasheet(HTML) 2 Page - Microchip Technology

  TC1070 Datasheet HTML 1Page - Microchip Technology TC1070 Datasheet HTML 2Page - Microchip Technology TC1070 Datasheet HTML 3Page - Microchip Technology TC1070 Datasheet HTML 4Page - Microchip Technology TC1070 Datasheet HTML 5Page - Microchip Technology TC1070 Datasheet HTML 6Page - Microchip Technology TC1070 Datasheet HTML 7Page - Microchip Technology TC1070 Datasheet HTML 8Page - Microchip Technology TC1070 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TC1070/TC1071/TC1187
DS21353D-page 2
© 2007 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Input Voltage .........................................................6.5V
Output Voltage........................... (-0.3V) to (VIN + 0.3V)
Power Dissipation................Internally Limited (Note 5)
Maximum Voltage on Any Pin ........VIN +0.3V to -0.3V
Operating Temperature Range...... -40°C < TJ < 125°C
Storage Temperature..........................-65°C to +150°C
*Stresses above those listed under "Absolute
Maximum Ratings" may cause permanent damage to
the device. These are stress ratings only and functional
operation of the device at these or any other conditions
above those indicated in the operation sections of the
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods may
affect device reliability.
ELECTRICAL SPECIFICATIONS
Electrical Characteristics: VIN = VOUT + 1V, IL = 0.1 mA, CL = 3.3 μF, SHDN > VIH, TA = 25°C, unless otherwise noted. Boldface
type specifications apply for junction temperatures of -40°C to +125°C.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VIN
Input Operating Voltage
2.7
—
6.0
V
Note 6
IOUTMAX
Maximum Output Current
50
100
150
—
—
—
—
—
—
mA
TC1070
TC1071
TC1187
VOUT
Adjustable Output
Voltage Range
VREF
—5.5
V
VREF
Reference Voltage
1.165
1.20
1.235
V
ΔVREF/ΔTVREF Temperature Coefficient
—
40
—
ppm/°C
Note 1
ΔVOUT/ΔVIN
Line Regulation
—
0.05
0.35
%(VR + 1V) ≤ VIN ≤ 6V
ΔVOUT/VOUT
Load Regulation
TC1070; TC1071
TC1187
—
—
0.5
0.5
2
3
%IL = 0.1 mA to IOUTMAX
IL = 0.1 mA to IOUTMAX
(Note 2)
VIN-VOUT
Dropout Voltage
TC1071; TC1187
TC1187
—
—
—
—
—
2
65
85
180
270
—
—
120
250
400
mV
IL = 0.1 mA
IL = 20 mA
IL = 50 mA
IL = 100 mA
IL = 150 mA (Note 3)
IIN
Supply Current
—
50
80
μASHDN = VIH, IL = 0
IINSD
Shutdown Supply Current
—
0.05
0.5
μASHDN = 0V
PSRR
Power Supply Rejection Ratio
—
64
—
dB
FRE ≤ 1 kHz
IOUTSC
Output Short Circuit Current
—
300
450
mA
VOUT = 0V
ΔVOUT/ΔPD
Thermal Regulation
—
0.04
—
V/W
Note 4
TSD
Thermal Shutdown Die Temperature
—
160
—
°C
ΔTSD
Thermal Shutdown Hysteresis
—
10
—
°C
eN
Output Noise
—
260
—
nV/
√Hz
IL = IOUTMAX
SHDN Input
VIH
SHDN Input High Threshold
45
——
%VIN
VIN = 2.5V to 6.5V
Note 1:
2:
Regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is tested over a load range
from 0.1 mA to the maximum specified output current. Changes in output voltage due to heating effects are covered by the thermal
regulation specification.
3:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value.
4:
Thermal Regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load or
line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for T = 10 ms.
5:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction temperature and the
thermal resistance from junction-to-air (i.e., TA, TJ, θJA). Exceeding the maximum allowable power dissipation causes the device to initiate
thermal shutdown. Please see Section 5.0 “Thermal Considerations” for more details.
6:
The minimum VIN has to justify the conditions: VIN ≥ VR + VDROPOUT and VIN ≥ 2.7V for IL = 0.1 mA to IOUTMAX.
TC VOUT = (VOUTMAX – VOUTMIN) x 106
VOUT x ΔT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com