Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6221CD Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6221CD
Description  QUAD DARLINGTON SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6221CD Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6221CD Datasheet HTML 5Page - STMicroelectronics L6221CD Datasheet HTML 6Page - STMicroelectronics L6221CD Datasheet HTML 7Page - STMicroelectronics L6221CD Datasheet HTML 8Page - STMicroelectronics L6221CD Datasheet HTML 9Page - STMicroelectronics L6221CD Datasheet HTML 10Page - STMicroelectronics L6221CD Datasheet HTML 11Page - STMicroelectronics L6221CD Datasheet HTML 12Page - STMicroelectronics L6221CD Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Figure 19 : Driver for Solenoids up to 3A.
Some care must be taken to ensure that the collec-
tors are placed close together to avoid different cur-
rent partitioning at turn-off.
We suggest to put in parallel channel 1 and 4 and
channel 2 and 3 as shown in figure 19 for the similar
electrical characteristics of the logic section (turn-on
and turn-off delay time) and the power stages (col-
lector saturation voltage, free-wheeling diode for-
ward voltage).
APPLICATION INFORMATION
When inductive loads are driven by L6221C/CD, a
zener diode in series with the integral free-wheeling
diodes increases the voltage across which energy
stored in the load is discharged and therefore
speeds the current decay (fig. 18).
The zener has to be chosen in such a way that
VCLAMP is limited to 60V taking into account the
zener’s voltage changes due to: spread on VZ, tem-
perature changes, and the voltage drop due to oh-
mic resistance.
Moreover, the instantaneous power must be limited
in order to avoid the reverse second breakdown.
Figure 18.
L6221C
9/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com